Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58BW16F Datasheet(PDF) 49 Page - STMicroelectronics

Part # M58BW16F
Description  16 or 32 Mbit (x32, Boot Block, Burst) 3.3V supply Flash memories
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58BW16F Datasheet(HTML) 49 Page - STMicroelectronics

Back Button M58BW16F Datasheet HTML 45Page - STMicroelectronics M58BW16F Datasheet HTML 46Page - STMicroelectronics M58BW16F Datasheet HTML 47Page - STMicroelectronics M58BW16F Datasheet HTML 48Page - STMicroelectronics M58BW16F Datasheet HTML 49Page - STMicroelectronics M58BW16F Datasheet HTML 50Page - STMicroelectronics M58BW16F Datasheet HTML 51Page - STMicroelectronics M58BW16F Datasheet HTML 52Page - STMicroelectronics M58BW16F Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 81 page
background image
M58BW16F, M58BW32F
DC and AC parameters
49/81
Table 18.
Asynchronous Bus Read AC characteristics
Symbol
Parameter
Test Condition
M58BWxxF
Unit
45
55
tAVAV
Address Valid to Address Valid
E = VIL, G = VIL
Min
45
55
ns
tAVQV
Address Valid to Output Valid
E = VIL, G = VIL Max
45
55
ns
tAXQX
Address Transition to Output Transition
L = VIL, G = VIL
Min
0
0
ns
tEHLX
Chip Enable High to Latch Enable
Transition
Min
0
0
ns
tEHQX
Chip Enable High to Output Transition
G = VIL
Min
0
0
ns
tEHQZ
Chip Enable High to Output Hi-Z
G = VIL
Max
20
20
ns
tELQV
(1)
1.
Output Enable G may be delayed up to tELQV - tGLQV after the falling edge of Chip Enable E without
increasing tELQV.
Chip Enable Low to Output Valid
G = VIL
Max
45
55
ns
tGHQX
Output Enable High to Output Transition
E = VIL
Min
0
0
ns
tGHQZ
Output Enable High to Output Hi-Z
E = VIL
Max
15
15
ns
tGLQV
Output Enable Low to Output Valid
E = VIL
Max
15
15
ns
tGLQX
Output Enable Low to Output Transition
E = VIL
Min
0
0
ns
tLHAX
Latch Enable High to Address Transition
E = VIL
Min
5
5
ns
tLHLL
Latch Enable High to Latch Enable Low
Min
10
10
ns
tLLLH
Latch Enable Low to Latch Enable High
E = VIL
Min
10
10
ns
tLLQV
Latch Enable Low to Output Valid
Chip Enable Low to Output Valid
E = VIL, G = VIL Max
45
55
ns
tLLQX
Latch Enable Low to Output Transition
E = VIL, G = VIL
Min
0
0
ns
tELQX
Chip Enable Low to Output Transition
L = VIL, G = VIL
Min
0
0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com