Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58BW16F Datasheet(PDF) 21 Page - STMicroelectronics

Part # M58BW16F
Description  16 or 32 Mbit (x32, Boot Block, Burst) 3.3V supply Flash memories
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58BW16F Datasheet(HTML) 21 Page - STMicroelectronics

Back Button M58BW16F Datasheet HTML 17Page - STMicroelectronics M58BW16F Datasheet HTML 18Page - STMicroelectronics M58BW16F Datasheet HTML 19Page - STMicroelectronics M58BW16F Datasheet HTML 20Page - STMicroelectronics M58BW16F Datasheet HTML 21Page - STMicroelectronics M58BW16F Datasheet HTML 22Page - STMicroelectronics M58BW16F Datasheet HTML 23Page - STMicroelectronics M58BW16F Datasheet HTML 24Page - STMicroelectronics M58BW16F Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 81 page
background image
M58BW16F, M58BW32F
Signal descriptions
21/81
2.5
Output Disable (GD)
The Output Disable, GD, deactivates the data output buffers. When Output Disable, GD, is at
VIH, the outputs are driven by the Output Enable. When Output Disable, GD, is at VIL, the
outputs are high impedance independently of Output Enable. The Output Disable pin must
be connected to an external pull-up resistor as there is no internal pull-up resistor to drive
the pin.
2.6
Write Enable (W)
The Write Enable, W, input controls writing to the Command Interface, Input Address and
Data latches. Both addresses and data can be latched on the rising edge of Write Enable
(also see Latch Enable, L).
2.7
Reset/Power-Down (RP)
The Reset/Power-Down, RP, is used to apply a hardware reset to the memory. A hardware
reset is achieved by holding Reset/Power-Down Low, VIL, for at least tPLPH. Writing is
inhibited to protect data, the Command Interface and the Program/Erase Controller are
reset. The Status Register information is cleared and power consumption is reduced to the
standby level (IDD1). The device acts as deselected, that is the data outputs are high
impedance.
After Reset/Power-Down goes High, VIH, the memory will be ready for Bus Read operations
after a delay of tPHEL or Bus Write operations after tPHWL.
If Reset/Power-Down goes Low, VIL, during a Block Erase or a Program operation, the
operation is aborted, in a time of tPLRH maximum, and data is altered and may be corrupted.
During Power-up power should be applied simultaneously to VDD and VDDQ(IN) with RP held
at VIL. When the supplies are stable RP is taken to VIH. Output Enable, G, Chip Enable, E,
and Write Enable, W, should be held at VIH during power-up.
In an application, it is recommended to associate the Reset/Power-Down pin, RP, with the
reset signal of the microprocessor. Otherwise, if a reset operation occurs while the memory
is performing an erase or program operation, the memory may output the Status Register
information instead of being initialized to the default Asynchronous Random Read mode.
See Table 22 and Figure 21: Reset, Power-Down and Power-up AC waveform, for more
details.
2.8
Program/Erase Enable (PEN)
The Program/Erase Enable input, PEN, protects all blocks by preventing Program and Erase
operations from modifying the data.
Prior to issuing a Program or Erase command, the Program/Erase Enable must be set to
High (VIH). If it is Low (VIL), the Program or Erase operation is not accepted and an error is
generated in the Status Register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com