Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58BW16F Datasheet(PDF) 33 Page - STMicroelectronics

Part # M58BW16F
Description  16 or 32 Mbit (x32, Boot Block, Burst) 3.3V supply Flash memories
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58BW16F Datasheet(HTML) 33 Page - STMicroelectronics

Back Button M58BW16F Datasheet HTML 29Page - STMicroelectronics M58BW16F Datasheet HTML 30Page - STMicroelectronics M58BW16F Datasheet HTML 31Page - STMicroelectronics M58BW16F Datasheet HTML 32Page - STMicroelectronics M58BW16F Datasheet HTML 33Page - STMicroelectronics M58BW16F Datasheet HTML 34Page - STMicroelectronics M58BW16F Datasheet HTML 35Page - STMicroelectronics M58BW16F Datasheet HTML 36Page - STMicroelectronics M58BW16F Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 81 page
background image
M58BW16F, M58BW32F
Command interface
33/81
4.4
Read Status Register command
The Read Status Register command is used to read the Status Register. One Bus Write
cycle is required to issue the Read Status Register command. Once the command is issued
subsequent Bus Read operations read the Status Register until another command is issued.
The Status Register information is present on the output data bus (DQ0-DQ7) when Chip
Enable E and Output Enable G are at VIL and Output Disable is at VIH.
An interactive update of the Status Register bits is possible by toggling Output Enable or
Output Disable. It is also possible during a Program or Erase operation, by de-activating the
device with Chip Enable at VIH and then reactivating it with Chip Enable and Output Enable
at VIL and Output Disable at VIH.
The content of the Status Register may also be read at the completion of a Program, Erase
or Suspend operation. During a Block Erase or Program command, DQ7 indicates the
Program/Erase Controller status. It is valid until the operation is completed or suspended.
See the section on the Status Register and Table 13 for details on the definitions of the
Status Register bits.
4.5
Clear Status Register command
The Clear Status Register command can be used to reset bits 1, 3, 4 and 5 in the Status
Register to ‘0’. One Bus Write is required to issue the Clear Status Register command.
Once the command is issued the memory returns to its previous mode, subsequent Bus
Read operations continue to output the same data.
The bits in the Status Register are sticky and do not automatically return to ‘0’ when a new
Program, Erase, Block Protect or Block Unprotect command is issued. If any error occurs
then it is essential to clear any error bits in the Status Register by issuing the Clear Status
Register command before attempting a new Program, Erase or Resume command.
4.6
Block Erase command
The Block Erase command can be used to erase a block. It sets all of the bits in the block to
‘1’. All previous data in the block is lost. If the block is protected then the Erase operation will
abort, the data in the block will not be changed and the Status Register will output the error.
Two Bus Write operations are required to issue the command; the first write cycle sets up
the Block Erase command, the second write cycle confirms the Block erase command and
latches the block address in the Program/Erase Controller and starts the Program/Erase
Controller. The sequence is aborted if the Confirm command is not given and the device will
output the Status Register Data with bits 4 and 5 set to '1'.
Once the command is issued subsequent Bus Read operations read the Status Register.
See the section on the Status Register for details on the definitions of the Status Register
bits. During the Erase operation the memory will only accept the Read Status Register
command and the Program/Erase Suspend command. All other commands will be ignored.
If PEN is at VIH, the operation can be performed. If PEN goes below VIH, the operation
aborts, the PEN Status bit in the Status Register is set to ‘1’ and the command must be re-
issued.
Typical Erase times are given in Table 12. See Appendix A, Figure 26: Block Erase flowchart
and pseudo code, for a suggested flowchart on using the Block Erase command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com