Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58BW16F Datasheet(PDF) 39 Page - STMicroelectronics

Part # M58BW16F
Description  16 or 32 Mbit (x32, Boot Block, Burst) 3.3V supply Flash memories
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58BW16F Datasheet(HTML) 39 Page - STMicroelectronics

Back Button M58BW16F Datasheet HTML 35Page - STMicroelectronics M58BW16F Datasheet HTML 36Page - STMicroelectronics M58BW16F Datasheet HTML 37Page - STMicroelectronics M58BW16F Datasheet HTML 38Page - STMicroelectronics M58BW16F Datasheet HTML 39Page - STMicroelectronics M58BW16F Datasheet HTML 40Page - STMicroelectronics M58BW16F Datasheet HTML 41Page - STMicroelectronics M58BW16F Datasheet HTML 42Page - STMicroelectronics M58BW16F Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 81 page
background image
M58BW16F, M58BW32F
Command interface
39/81
Table 11.
Read Electronic Signature
Code
Device
Amax-A0
DQ31-DQ0
Manufacturer
All
00000h
00000020h
Device
M58BW16FT
00001h
0000883Ah
M58BW16FB
00001h
00008839h
M58BW32FT
00001h
00008838h
M58BW32FB
00001h
00008837h
Burst Configuration
Register
00005h
BCR(1)
1.
BCR = Burst Configuration Register.
Block Protection
Configuration Register
All
SBA+02h(2)
2.
SBA is the start address of each block.
00000000h (Unprotected)
00000001h (Protected)
Table 12.
Program, Erase times and endurance cycles(1)
1.
TA = –40 to 125°C, VDD = 2.7V to 3.6V, VDDQ = 2.6V to VDD
Parameters
M58BWxxF
Unit
Min
Typ
Max
Full Chip Program
15
20
s
Double Word Program
15
35
µs
512 Kbit Block Erase
1
2
s
256 Kbit Block Erase
0.8
1.6
s
64 Kbit Block Erase
0.6
1.2
s
Program Suspend Latency Time
10
µs
Erase Suspend Latency Time
30
µs
Minimum effective erase time(2)
2.
The minimum effective erase time is defined as the minimum time required between the last Erase
Resume command and the next Erase Suspend command for the internal Flash memory Program/Erase
Controller to be able to execute its algorithm.
30
µs
Program/Erase Cycles (per Block)
100,000
cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com