Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58BW16F Datasheet(PDF) 30 Page - STMicroelectronics

Part # M58BW16F
Description  16 or 32 Mbit (x32, Boot Block, Burst) 3.3V supply Flash memories
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58BW16F Datasheet(HTML) 30 Page - STMicroelectronics

Back Button M58BW16F Datasheet HTML 26Page - STMicroelectronics M58BW16F Datasheet HTML 27Page - STMicroelectronics M58BW16F Datasheet HTML 28Page - STMicroelectronics M58BW16F Datasheet HTML 29Page - STMicroelectronics M58BW16F Datasheet HTML 30Page - STMicroelectronics M58BW16F Datasheet HTML 31Page - STMicroelectronics M58BW16F Datasheet HTML 32Page - STMicroelectronics M58BW16F Datasheet HTML 33Page - STMicroelectronics M58BW16F Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 81 page
background image
Bus operations
M58BW16F, M58BW32F
30/81
Table 8.
Burst Configuration Register
Bit
Description
Value
Description
M15
Read Select
0
Synchronous Burst Read
1
Asynchronous Read (Default at power-up)
M14
Standby Disable
0
Standby Mode Enabled (Default at power-up)
1
Standby Mode Disabled
M13-M11
X-Latency
001
3
010
4
011
5
100
6
M10
Reserved
M9
Y-Latency
0
Reserved
1
One Burst Clock cycle (M9 is always at ‘1’)
M8
Valid Data Ready
0
R valid Low during valid Burst Clock edge. (M8 is
always at ‘0’)
1
Reserved
M7-M4
Reserved
M3
Wrapping
0
Reserved
1
No Wrap (M3 is always at ‘1’)
M2-M0
Burst Length
001
4 Double-Words
010
8 Double-Words



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com