Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58BW16F Datasheet(PDF) 36 Page - STMicroelectronics

Part # M58BW16F
Description  16 or 32 Mbit (x32, Boot Block, Burst) 3.3V supply Flash memories
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58BW16F Datasheet(HTML) 36 Page - STMicroelectronics

Back Button M58BW16F Datasheet HTML 32Page - STMicroelectronics M58BW16F Datasheet HTML 33Page - STMicroelectronics M58BW16F Datasheet HTML 34Page - STMicroelectronics M58BW16F Datasheet HTML 35Page - STMicroelectronics M58BW16F Datasheet HTML 36Page - STMicroelectronics M58BW16F Datasheet HTML 37Page - STMicroelectronics M58BW16F Datasheet HTML 38Page - STMicroelectronics M58BW16F Datasheet HTML 39Page - STMicroelectronics M58BW16F Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 81 page
background image
Command interface
M58BW16F, M58BW32F
36/81
4.10
Program/Erase Suspend command
The Program/Erase Suspend command is used to pause a Program or Erase operation. The
command will only be accepted during a Program or Erase operation. It can be issued at
any time during a program or erase operation. The command is ignored if the device is
already in suspend mode.
One Bus Write cycle is required to issue the Program/Erase Suspend command and pause
the Program/Erase Controller. Once the command is issued it is necessary to poll the
Program/Erase Controller Status bit (bit 7) to find out when the Program/Erase Controller
has paused; no other commands will be accepted until the Program/Erase Controller has
paused. After the Program/Erase Controller has paused, the memory will continue to output
the Status Register until another command is issued.
During the polling period between issuing the Program/Erase Suspend command and the
Program/Erase Controller pausing it is possible for the operation to complete. Once the
Program/Erase Controller Status bit (bit 7) indicates that the Program/Erase Controller is no
longer active, the Program Suspend Status bit (bit 2) or the Erase Suspend Status bit (bit 6)
can be used to determine if the operation has completed or is suspended. For timing on the
delay between issuing the Program/Erase Suspend command and the Program/Erase
Controller pausing see Note 12.
During Program/Erase Suspend the Read Memory Array, Read Status Register, Read
Electronic Signature, Read Query and Program/Erase Resume commands will be accepted
by the Command Interface. Additionally, if the suspended operation was Erase then the
Program, the Write to Buffer and Program, the Set/Clear Block Protection Configuration
Register and the Program Suspend commands will also be accepted. When a program
operation is completed inside a Block Erase Suspend the Read Memory Array command
must be issued to reset the device in Read mode, then the Erase Resume command can be
issued to complete the whole sequence. Only the blocks not being erased may be read or
programmed correctly.
Erase operations can be suspended in a systematic and periodical way, however, in order to
ensure the effectiveness of erase operations and avoid infinite erase times, it is imperative to
wait a minimum time between successive Erase Resume and Erase Suspend commands.
This time, called the Minimum effective erase time, is given in Table 12 on page 39.
See Appendix A, Figure 25: Program Suspend & Resume flowchart and pseudo code, and
Figure 27: Erase Suspend & Resume flowchart and pseudo code, for suggested flowcharts
on using the Program/Erase Suspend command.
4.11
Program/Erase Resume command
The Program/Erase Resume command can be used to restart the Program/Erase Controller
after a Program/Erase Suspend operation has paused it. One Bus Write cycle is required to
issue the Program/Erase Resume command.
See Appendix A, Figure 25: Program Suspend & Resume flowchart and pseudo code, and
Figure 27: Erase Suspend & Resume flowchart and pseudo code, for suggested flowcharts
on using the Program/Erase Suspend command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com