Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58BW16F Datasheet(PDF) 77 Page - STMicroelectronics

Part # M58BW16F
Description  16 or 32 Mbit (x32, Boot Block, Burst) 3.3V supply Flash memories
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58BW16F Datasheet(HTML) 77 Page - STMicroelectronics

Back Button M58BW16F Datasheet HTML 73Page - STMicroelectronics M58BW16F Datasheet HTML 74Page - STMicroelectronics M58BW16F Datasheet HTML 75Page - STMicroelectronics M58BW16F Datasheet HTML 76Page - STMicroelectronics M58BW16F Datasheet HTML 77Page - STMicroelectronics M58BW16F Datasheet HTML 78Page - STMicroelectronics M58BW16F Datasheet HTML 79Page - STMicroelectronics M58BW16F Datasheet HTML 80Page - STMicroelectronics M58BW16F Datasheet HTML 81Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 77 / 81 page
background image
M58BW16F, M58BW32F
Common Flash Interface (CFI)
77/81
Table 29.
M58BW16F device geometry definition
Address A0-Amax
Data
Description
Value
27h
15h
2n number of bytes memory size
2 MBytes
28h
03h
Device Interface Sync./Async.
x32
29h
00h
Organization Sync./Async.
Async.
2Ah
00h
Maximum number of Byte in multi-Byte program = 2n 32 Bytes
2Bh
00h
2Ch
02h
Bit7-0 = number of Erase Block Regions in device
2
2Dh
1Eh
Number (n-1) of erase blocks of identical size; n=31
31 blocks
2Eh
00h
2Fh
00h
Erase Block region information x 256 bytes per Erase
Block (64 Kbytes)
512 Kbits
30h
01h
31h
07h
Number (n-1) of erase blocks of identical size; n=8
8 blocks
32h
00h
33h
20h
Erase Block region information x 256 bytes per Erase
Block (8 Kbytes)
64 Kbits
34h
00h
Table 30.
M58BW16F extended query information
Address offset
Address
Amax-A0
Data (Hex)
Description
(P)h
35h
50
P
Query ASCII string - Extended Table
(P+1)h
36h
52
R
(P+2)h
37h
49
Y
(P+3)h
38h
31h
Major revision number
(P+4)h
39h
31h
Minor revision number
(P+5)h
3Ah
86h
Optional Feature: (1=yes, 0=no)
bit0, Chip Erase Supported (0= no)
bit1, Suspend Erase Supported (1=yes)
bit2, Suspend Program Supported (1=yes)
bit3, Lock/Unlock Supported (0=no)
bit4, Queue Erase Supported (0=no)
bit5, Instant individual block locking (0=no)
bit6, Protection bits supported (0=no)
bit7, Page read supported (1=yes)
bit8, Synchronous read supported (1=yes)
Bit 9 reserved
(P+6)h
3Bh
01h
Synchronous read supported
(P+7)h
3Ch
00h
(P+8)h
3Dh
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com