Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58BW16F Datasheet(PDF) 13 Page - STMicroelectronics

Part # M58BW16F
Description  16 or 32 Mbit (x32, Boot Block, Burst) 3.3V supply Flash memories
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58BW16F Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M58BW16F Datasheet HTML 9Page - STMicroelectronics M58BW16F Datasheet HTML 10Page - STMicroelectronics M58BW16F Datasheet HTML 11Page - STMicroelectronics M58BW16F Datasheet HTML 12Page - STMicroelectronics M58BW16F Datasheet HTML 13Page - STMicroelectronics M58BW16F Datasheet HTML 14Page - STMicroelectronics M58BW16F Datasheet HTML 15Page - STMicroelectronics M58BW16F Datasheet HTML 16Page - STMicroelectronics M58BW16F Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 81 page
background image
M58BW16F, M58BW32F
Description
13/81
1.1
Block Protection
The M58BWxxF features four different levels of block protection.
●
Write Protect Pin, WP, - When WP is Low, VIL, the protection status that has been
configured in the Block Protection Configuration Register is activated. The Block
Protection Configuration Register is volatile. Any combination of blocks is possible. Any
attempt to program or erase a protected block will return an error in the Status Register
(see Table 13: Status Register Bits).
●
Reset/Power-Down Pin, RP, - If the device is held in reset mode (RP at VIL), no
program or erase operation can be performed on any block.
●
Program/Erase Enable, PEN, - The Program/Erase Enable input, PEN, protects all
blocks by preventing Program and Erase operations from modifying the data.
Prior to issuing a Program or Erase command, the Program/Erase Enable must be set
to High (VIH). If it is Low (VIL), the Program or Erase operation is not accepted and an
error is generated in the Status Register.
●
Permanent protection against Modify operations - specific OTP-like blocks can be
permanently protected against Modify operations (program/ erase):
–
in the M58BW32F, a unique 128-Kbit parameter block – Block 1 (01000h-01FFFh)
for bottom devices or Block 72 (FE000h-FEFFFh) for Top devices
–
in the M58BW16F, two 64-Kbit parameter blocks – Blocks 2 & 3 (01000h-01FFFh)
for bottom devices or Blocks 36 & 35 (7E000h-7EFFFh) for top devices
This protection is user-enabled. Details of how this protection is activated are provided
in a dedicated application note.
After a device reset the first two kinds of block protection (WP, RP) can be combined to give
a flexible block protection. All blocks are protected at power-up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com