Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58BW16F Datasheet(PDF) 23 Page - STMicroelectronics

Part # M58BW16F
Description  16 or 32 Mbit (x32, Boot Block, Burst) 3.3V supply Flash memories
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58BW16F Datasheet(HTML) 23 Page - STMicroelectronics

Back Button M58BW16F Datasheet HTML 19Page - STMicroelectronics M58BW16F Datasheet HTML 20Page - STMicroelectronics M58BW16F Datasheet HTML 21Page - STMicroelectronics M58BW16F Datasheet HTML 22Page - STMicroelectronics M58BW16F Datasheet HTML 23Page - STMicroelectronics M58BW16F Datasheet HTML 24Page - STMicroelectronics M58BW16F Datasheet HTML 25Page - STMicroelectronics M58BW16F Datasheet HTML 26Page - STMicroelectronics M58BW16F Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 81 page
background image
M58BW16F, M58BW32F
Signal descriptions
23/81
2.14
Supply Voltage (VDD)
The Supply Voltage, VDD, is the core power supply. All internal circuits draw their current
from the VDD pin, including the Program/Erase Controller.
2.15
Output Supply Voltage (VDDQ)
The Output Supply Voltage, VDDQ, is the output buffer power supply for all operations (Read,
Program and Erase) used for DQ0-DQ31 when used as outputs.
2.16
Input Supply Voltage (VDDQIN)
The Input Supply Voltage, VDDIN, is the power supply for all input signal. Input signals are: K, B,
L, W, GD, G, E, A0-Amax and DQ0-DQ31, when used as inputs.
2.17
Ground (VSS and VSSQ)
The Ground VSS is the reference for the internal supply voltage VDD. The Ground VSSQ is
the reference for the output and input supplies VDDQ, and VDDQIN. It is essential to connect
VSS and VSSQ together.
Note:
A 0.1µF capacitor should be connected between the Supply Voltages, VDD, VDDQ and VDDIN
and the Grounds, VSS and VSSQ to decouple the current surges from the power supply. The
PCB track widths must be sufficient to carry the currents required during all operations of
the parts, see Table 17: DC characteristics, for maximum current supply requirements.
2.18
Don’t Use (DU)
This pin should not be used as it is internally connected. Its voltage level can be between
VSS and VDDQ or leave it unconnected.
2.19
Not Connected (NC)
This pin is not physically connected to the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com