Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58BW16F Datasheet(PDF) 29 Page - STMicroelectronics

Part # M58BW16F
Description  16 or 32 Mbit (x32, Boot Block, Burst) 3.3V supply Flash memories
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58BW16F Datasheet(HTML) 29 Page - STMicroelectronics

Back Button M58BW16F Datasheet HTML 25Page - STMicroelectronics M58BW16F Datasheet HTML 26Page - STMicroelectronics M58BW16F Datasheet HTML 27Page - STMicroelectronics M58BW16F Datasheet HTML 28Page - STMicroelectronics M58BW16F Datasheet HTML 29Page - STMicroelectronics M58BW16F Datasheet HTML 30Page - STMicroelectronics M58BW16F Datasheet HTML 31Page - STMicroelectronics M58BW16F Datasheet HTML 32Page - STMicroelectronics M58BW16F Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 81 page
background image
M58BW16F, M58BW32F
Bus operations
29/81
3.3.3
X-Latency Bits (M13-M11)
The X-Latency bits are used during Synchronous Bus Read operations to set the number of
clock cycles between the address being latched and the first data becoming available. For
correct operation the X-Latency bits can only assume the values in Table 8: Burst
Configuration Register.
3.3.4
Y-Latency Bit (M9)
The Y-Latency bit is used during Synchronous Bus Read operations to set the number of
clock cycles between consecutive reads. The Y-Latency value depends on both the X-
Latency value and the setting in M9.
When the Y-Latency is 1 the data changes each clock cycle.
3.3.5
Valid Data Ready Bit (M8)
The Valid Data Ready bit controls the timing of the Valid Data Ready output pin, R. When
the Valid Data Ready bit is ’0’ the Valid Data Ready output pin is driven Low for the rising
clock edge when invalid data is output on the bus.
3.3.6
Wrap Burst Bit (M3)
Burst read can be confined inside the 4 double-word boundary (wrap) or overcome the
boundary (no wrap). When the wrap burst bit is set to '1' the burst read does not wrap. The
wrap mode is not available (M3 is always ‘1’).
3.3.7
Burst Length Bit (M2-M0)
The Burst Length bits set the maximum number of Double-Words that can be output during
a Synchronous Burst Read operation. Burst lengths of 4 or 8 are available.
Table 8: Burst Configuration Register gives the valid combinations of the Burst Length bits
that the memory accepts.
If a Burst Read operation (no wrap) has been initiated the device will output data
synchronously. Depending on the starting address, the device activates the Valid Data
Ready output to indicate that a delay is necessary before the data is output. If the starting
address is aligned to a 4 double word boundary, the 8-double-word burst mode will run
without activating the Valid Data Ready output. If the starting address is not aligned to a 4
Double Word boundary, Valid Data Ready is activated to indicate that the device needs an
internal delay to read the successive words in the array.
M10, M7 to M4 are reserved for future use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com