Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58BW16F Datasheet(PDF) 79 Page - STMicroelectronics

Part # M58BW16F
Description  16 or 32 Mbit (x32, Boot Block, Burst) 3.3V supply Flash memories
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58BW16F Datasheet(HTML) 79 Page - STMicroelectronics

Back Button M58BW16F Datasheet HTML 73Page - STMicroelectronics M58BW16F Datasheet HTML 74Page - STMicroelectronics M58BW16F Datasheet HTML 75Page - STMicroelectronics M58BW16F Datasheet HTML 76Page - STMicroelectronics M58BW16F Datasheet HTML 77Page - STMicroelectronics M58BW16F Datasheet HTML 78Page - STMicroelectronics M58BW16F Datasheet HTML 79Page - STMicroelectronics M58BW16F Datasheet HTML 80Page - STMicroelectronics M58BW16F Datasheet HTML 81Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 79 / 81 page
background image
M58BW16F, M58BW32F
Common Flash Interface (CFI)
79/81
Table 32.
M58BW32F Extended query information
Address offset
Address
Amax-A0
Data (Hex)
Description
(P)h
39h
50
P
Query ASCII string - Extended Table
(P+1)h
3Ah
52
R
(P+2)h
3Bh
49
Y
(P+3)h
3Ch
31h
Major revision number
(P+4)h
3Dh
31h
Minor revision number
(P+5)h
3Eh
86h
Optional Feature: (1=yes, 0=no)
bit0, Chip Erase Supported (0= no)
bit1, Suspend Erase Supported (1=yes)
bit2, Suspend Program Supported (1=yes)
bit3, Lock/Unlock Supported (0=no)
bit4, Queue Erase Supported (0=no)
bit5, Instant individual block locking (0=no)
bit6, Protection bits supported (0=no)
bit7, Page read supported (1=yes)
bit8, Synchronous read supported (1=yes)
Bit 9 reserved
(P+6)h
3Fh
01h
Synchronous read supported
(P+7)h
40h
00h
(P+8)h
41h
00h
(P+9)h
42h
01h
Function allowed after Suspend:
Program allowed after Erase Suspend (1=yes)
Bit 7-1 reserved for future use
(P+A)h-(P+40)h
43h-7Fh
Reserved
(P+41)h
80h
xxxx xxxxh
Unique Device ID - 1 (16 bits)
(P+42)h
81h
xxxx xxxxh
Unique Device ID - 2 (16 bits)
(P+43)h
82h
xxxx xxxxh
Unique Device ID - 3 (16 bits)
(P+44)h
83h
xxxx xxxxh
Unique Device ID - 4 (16 bits)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com