Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58BW16F Datasheet(PDF) 35 Page - STMicroelectronics

Part # M58BW16F
Description  16 or 32 Mbit (x32, Boot Block, Burst) 3.3V supply Flash memories
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58BW16F Datasheet(HTML) 35 Page - STMicroelectronics

Back Button M58BW16F Datasheet HTML 31Page - STMicroelectronics M58BW16F Datasheet HTML 32Page - STMicroelectronics M58BW16F Datasheet HTML 33Page - STMicroelectronics M58BW16F Datasheet HTML 34Page - STMicroelectronics M58BW16F Datasheet HTML 35Page - STMicroelectronics M58BW16F Datasheet HTML 36Page - STMicroelectronics M58BW16F Datasheet HTML 37Page - STMicroelectronics M58BW16F Datasheet HTML 38Page - STMicroelectronics M58BW16F Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 81 page
background image
M58BW16F, M58BW32F
Command interface
35/81
4.9
Write to Buffer and Program command
The Write to Buffer and Program Command makes use of the device’s double Word (32 bit)
Write Buffer to speed up programming.
Up to eight Double Words can be loaded into the Write Buffer and programmed into the
memory.
Four successive steps are required to issue the command.
1.
One Bus Write operation is required to set up the Write to Buffer and Program
Command. Any Bus Read operations will start to output the Status Register after the
1st cycle.
2.
Use one Bus Write operation to write the selected memory Block Address (any address
in the block where the values will be programmed can be used) along with the value N
on the Data Inputs/Outputs, where N+1 is the number of Words to be programmed. The
maximum value of N+1 is 8 Words.
3.
Use N+1 Bus Write operations to load the address and data for each Word into the
Write Buffer. The address must be between Start Address and Start Address plus N,
where Start Address is the first word address.
4.
Finally, use one Bus Write operation to issue the final cycle to confirm the command
and start the Program operation.
If any address is outside the block boundaries or if the correct sequence is not followed,
Status Register bits 4 and 5 are set to ‘1’ and the operation will abort without affecting the
data in the memory array. A protected block must be unprotected using the Blocks Unprotect
command.
During a Write to Buffer and Program operation the memory will only accept the Read
Status Register and the Program/Erase Suspend commands. All other commands are
ignored. If PEN is at VIH, the operation will be performed. If PEN is lower than VIH the
operation aborts and the Status Register PEN bit (bit 3) is set to '1'.
The Status Register should be cleared before re-issuing the command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com