Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58BW16F Datasheet(PDF) 22 Page - STMicroelectronics

Part # M58BW16F
Description  16 or 32 Mbit (x32, Boot Block, Burst) 3.3V supply Flash memories
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58BW16F Datasheet(HTML) 22 Page - STMicroelectronics

Back Button M58BW16F Datasheet HTML 18Page - STMicroelectronics M58BW16F Datasheet HTML 19Page - STMicroelectronics M58BW16F Datasheet HTML 20Page - STMicroelectronics M58BW16F Datasheet HTML 21Page - STMicroelectronics M58BW16F Datasheet HTML 22Page - STMicroelectronics M58BW16F Datasheet HTML 23Page - STMicroelectronics M58BW16F Datasheet HTML 24Page - STMicroelectronics M58BW16F Datasheet HTML 25Page - STMicroelectronics M58BW16F Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 81 page
background image
Signal descriptions
M58BW16F, M58BW32F
22/81
2.9
Latch Enable (L)
The Bus Interface can be configured to latch the Address Inputs on the rising edge of Latch
Enable, L, for Asynchronous Latch Enable Controlled Read or Write or Synchronous Burst
Read operations. In Synchronous Burst Read operations the address is latched on the
active edge of the Clock when Latch Enable is Low, VIL. Once latched, the addresses may
change without affecting the address used by the memory. When Latch Enable is Low, VIL,
the latch is transparent. Latch Enable, L, can remain at VIL for Asynchronous Random Read
and Write operations.
2.10
Burst Clock (K)
The Burst Clock, K, is used to synchronize the memory with the external bus during
Synchronous Burst Read operations. Bus signals are latched on the active edge of the
Clock. In Synchronous Burst Read mode the address is latched on the first rising clock edge
when Latch Enable is Low, VIL, or on the rising edge of Latch Enable, whichever occurs first.
During Asynchronous bus operations the Clock is not used.
2.11
Burst Address Advance (B)
The Burst Address Advance, B, controls the advancing of the address by the internal
address counter during Synchronous Burst Read operations.
Burst Address Advance, B, is only sampled on the active clock edge of the Clock when the
X-latency time has expired. If Burst Address Advance is Low, VIL, the internal address
counter advances. If Burst Address Advance is High, VIH, the internal address counter does
not change; the same data remains on the Data Inputs/Outputs and Burst Address Advance
is not sampled until the Y-latency expires.
The Burst Address Advance, B, may be tied to VIL.
2.12
Valid Data Ready (R)
The Valid Data Ready output, R, can be used during Synchronous Burst Read operations to
identify if the memory is ready to output data or not. The Valid Data Ready output can be
configured to be active on the clock edge of the invalid data read cycle or one cycle before.
Valid Data Ready, at VIH, indicates that new data is or will be available. When Valid Data
Ready is Low, VIL, the previous data outputs remain active.
2.13
Write Protect (WP)
The Write Protect, WP, provides protection against program or erase operations. When
Write Protect, WP, is at VIL, the protection status that has been configured in the Block
Protection Configuration Register is activated. Program and erase operations to protected
blocks are disabled. When Write Protect WP is at VIH all the blocks can be programmed or
erased, if no other protection is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com