Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58BW16F Datasheet(PDF) 76 Page - STMicroelectronics

Part # M58BW16F
Description  16 or 32 Mbit (x32, Boot Block, Burst) 3.3V supply Flash memories
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58BW16F Datasheet(HTML) 76 Page - STMicroelectronics

Back Button M58BW16F Datasheet HTML 72Page - STMicroelectronics M58BW16F Datasheet HTML 73Page - STMicroelectronics M58BW16F Datasheet HTML 74Page - STMicroelectronics M58BW16F Datasheet HTML 75Page - STMicroelectronics M58BW16F Datasheet HTML 76Page - STMicroelectronics M58BW16F Datasheet HTML 77Page - STMicroelectronics M58BW16F Datasheet HTML 78Page - STMicroelectronics M58BW16F Datasheet HTML 79Page - STMicroelectronics M58BW16F Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 81 page
background image
Common Flash Interface (CFI)
M58BW16F, M58BW32F
76/81
Table 27.
CFI - Query address and data output(1) (2)
1.
The x8 or Byte Address and the x16 or Word Address mode are not available.
2.
Query Data are always presented on DQ7-DQ0. DQ31-DQ8 are set to '0'.
Address A0-Amax
Data
Instruction
10h
51h
"Q"
51h; "Q"
Query ASCII String 52h; "R"
59h; "Y"
11h
52h
"R"
12h
59h
"Y"
13h
03h
Primary Vendor:
Command Set and Control Interface ID Code
14h
00h
15h
35h (M58BW16F)
39h (M58BW32F)
Primary algorithm extended Query Address Table:
P(h)
16h
00h
17h
00h
Alternate Vendor:
Command Set and Control Interface ID Code
18h
00h
19h
00h
Alternate Algorithm Extended Query address Table
1Ah
00h
Table 28.
CFI - Device voltage and timing specification
Address
A0-Amax
Data
Description
Value
1Bh
27h(1)
1.
Bits are coded in Binary Code Decimal, bit7 to bit4 are scaled in Volts and bit3 to bit0 in mV.
VDD min
2.7 V
1Ch
36h(1)
VDD max
3.6 V
1Dh
xxxx xxxxh
Reserved
1Eh
xxxx xxxxh
Reserved
1Fh
04h
2n µs typical for Word, DWord prog
20h
xxxx xxxxh
Reserved
21h
0Ah
2n ms, typical time-out for Erase Block
1 s
22h
xxxx xxxxh
Reserved
23h
xxxx xxxxh
Reserved
24h
xxxx xxxxh
Reserved
25h
xxxx xxxxh
Reserved
26h
xxxx xxxxh
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com