Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE10A Datasheet(PDF) 52 Page - STMicroelectronics

Part # STE10A
Description  PCI 10/100 Ethernet controller with integrated PHY (3.3V)
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE10A Datasheet(HTML) 52 Page - STMicroelectronics

Back Button STE10A Datasheet HTML 48Page - STMicroelectronics STE10A Datasheet HTML 49Page - STMicroelectronics STE10A Datasheet HTML 50Page - STMicroelectronics STE10A Datasheet HTML 51Page - STMicroelectronics STE10A Datasheet HTML 52Page - STMicroelectronics STE10A Datasheet HTML 53Page - STMicroelectronics STE10A Datasheet HTML 54Page - STMicroelectronics STE10A Datasheet HTML 55Page - STMicroelectronics STE10A Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 82 page
background image
Registers and descriptors description
STE10/100A
52/82
22~ 20
TS
Transmit state. Reports the current transmission
state only, no interrupt will be generated.
000: stop
001: read descriptor
010: transmitting
011: FIFO fill, read the data from memory and
put into FIFO
100: reserved
101: reserved
110: suspended, unavailable transmit descriptor
or FIFO overflow
111: write descriptor
000
RO
19~17
RS
Receive state. Reports current receive state
only, no interrupt will be generated.
000: stop
001: read descriptor
010: check this packet and pre-fetch next
descriptor
011: wait for receiving data
100: suspended
101: write descriptor
110: flush the current FIFO
111: FIFO drain, move data from receiving FIFO
into memory
000
RO
16
ANISS
Added normal interrupt status summary.
1: whenever any of the added normal interrupts
occur.
0RO/LH*
15
AAISS
Added abnormal interrupt status summary.
1: whenever any of the added abnormal
interrupts occur.
1RO/LH*
14~0
These bits are the same as the status register of
CSR5, and are accessible through either CSR5
or CSR16.
LH* = High Latching and cleared by writing 1
CSR17 (offset = 84h), ACSR7- Assistant CSR7 (Interrupt enable register 2)
31
TEIE
Transmit early interrupt enable
0
R/W
30
REIE
Receive early interrupt enable
0
R/W
29
XIE
Transceiver (XCVR) interrupt enable
0
R/W
28
TDIE
Transmit deferred interrupt enable
0
R/W
27
---
Reserved
26
PFRIE
PAUSE frame received interrupt enable
0
R/W
25~17
---
Reserved
Table 8.
Control/status register description (continued)
Bit #
Name
Description
Default
RW type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com