Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE10A Datasheet(PDF) 20 Page - STMicroelectronics

Part # STE10A
Description  PCI 10/100 Ethernet controller with integrated PHY (3.3V)
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE10A Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STE10A Datasheet HTML 16Page - STMicroelectronics STE10A Datasheet HTML 17Page - STMicroelectronics STE10A Datasheet HTML 18Page - STMicroelectronics STE10A Datasheet HTML 19Page - STMicroelectronics STE10A Datasheet HTML 20Page - STMicroelectronics STE10A Datasheet HTML 21Page - STMicroelectronics STE10A Datasheet HTML 22Page - STMicroelectronics STE10A Datasheet HTML 23Page - STMicroelectronics STE10A Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 82 page
background image
Functional description
STE10/100A
20/82
3.5
Network operation
3.5.1
MAC operation
The MAC (Media access control) portion of STE10/100A incorporates the essential protocol
requirements for operating as an IEEE802.3 and ethernet compliant node.
Format
Transmit data encapsulation
The differences between transmit data encapsulation and a MAC frame while operating in
100BASE-TX mode are listed as follows:
–
The first byte of the preamble is replaced by the JK code according to IEE802.3u,
clause 24.
–
After the CRC field of the MAC frame, the STE10/100A will insert the TR code
according to IEE802.3u, clause 24.
Receive data decapsulation
When operating in 100BASE-TX mode the STE10/100A detects a JK code in a preamble as
well as a TR code at the packet end. If a JK code is not detected, the STE10/100A will abort
the reception of the frame and wait for a new JK code detection. If a TR code is not
detected, the STE10/100A will report a CRC error.
Deferring
The inter-frame gap (IFG) time is divided into two parts:
–
FG1 time (64-bit time): If a carrier is detected on the medium during this time, the
STE10/100A will reset the IFG1 time counter and restart to monitor the channel for
an idle again.
–
IFG2 time (32-bit time): After counting the IFG2 time the STE10/100A will access
the channel even though a carrier has been sensed on the network.
Table 2.
Format
Field
Description
Preamble
A 7-byte field of (10101010b)
Start frame diameter
A 1-byte field of (10101011b)
Destination address
A 6-byte field
Source address
A 6-byte field
Length/type
A 2-byte field indicated the frame is in IEEE802.3 format or
ethernet format.
IEEE802.3 format: 0000H ~ 05DCH for length field
Ethernet format: 05DD ~ FFFFH for type field
Data
46(1) ~ 1500 bytes of data information
1.
If padding is disabled (TDES1 bit 23), the data field may be shorter than 46 bytes
CRC
A 32-bit cyclic redundancy code for error detection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com