Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE10A Datasheet(PDF) 51 Page - STMicroelectronics

Part # STE10A
Description  PCI 10/100 Ethernet controller with integrated PHY (3.3V)
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE10A Datasheet(HTML) 51 Page - STMicroelectronics

Back Button STE10A Datasheet HTML 47Page - STMicroelectronics STE10A Datasheet HTML 48Page - STMicroelectronics STE10A Datasheet HTML 49Page - STMicroelectronics STE10A Datasheet HTML 50Page - STMicroelectronics STE10A Datasheet HTML 51Page - STMicroelectronics STE10A Datasheet HTML 52Page - STMicroelectronics STE10A Datasheet HTML 53Page - STMicroelectronics STE10A Datasheet HTML 54Page - STMicroelectronics STE10A Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 82 page
background image
STE10/100A
Registers and descriptors description
51/82
2JCLK
Jabber clock
0: cut off transmission after 2.6 ms (100Mbps) or
26 ms (10Mbps).
1: cut off transmission after 2560 byte-time.
1NJ
Non-Jabber
0: if jabber expires, re-enable transmit function
after 42 ms (100Mbps) or 420ms (10Mbps).
1: immediately re-enable the transmit function
after jabber expires.
0JBD
Jabber disable
1: disable transmit jabber function
CSR16 (offset = 80h), ACSR5 - Assistant CSR5 (Status register 2)
31
TEIS
Transmit early interrupt status
Transmit early interrupt status is set to 1 when
TEIE (bit 31 of CSR17 set) is enabled and the
transmitted packet is moved from descriptors to
the TX-FIFO buffer. This bit is cleared by writing
a 1.
0RO/LH*
30
REIS
Receive early interrupt status.
Receive early interrupt status is set to 1 when
REIE (CSR17 bit 30) is enabled and the
received packet has filled up its first receive
descriptor. This bit is cleared by writing a 1.
0RO/LH*
29
XIS
Transceiver (XCVR) interrupt status. Formed by
the logical OR of XR8 bits 6~0.
1RO/LH*
28
TDIS
Transmit deferred interrupt status.
0
RO/LH*
27
---
Reserved
26
PFR
PAUSE frame received interrupt status.
1: indicates receipt of a PAUSE frame while the
PAUSE function is enabled.
0RO/LH*
25~ 23
BET
Bus error type. This field is valid only when FBE
(CSR5 bit 13, fatal bus error) is set. There is no
interrupt generated by this field.
000: parity error, 001: master abort, 010:
target abort.
011, 1xx: reserved
000
RO
Table 8.
Control/status register description (continued)
Bit #
Name
Description
Default
RW type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com