Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE10A Datasheet(PDF) 68 Page - STMicroelectronics

Part # STE10A
Description  PCI 10/100 Ethernet controller with integrated PHY (3.3V)
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE10A Datasheet(HTML) 68 Page - STMicroelectronics

Back Button STE10A Datasheet HTML 64Page - STMicroelectronics STE10A Datasheet HTML 65Page - STMicroelectronics STE10A Datasheet HTML 66Page - STMicroelectronics STE10A Datasheet HTML 67Page - STMicroelectronics STE10A Datasheet HTML 68Page - STMicroelectronics STE10A Datasheet HTML 69Page - STMicroelectronics STE10A Datasheet HTML 70Page - STMicroelectronics STE10A Datasheet HTML 71Page - STMicroelectronics STE10A Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 82 page
background image
Registers and descriptors description
STE10/100A
68/82
4.4.2
Transmit descriptor
Table 13.
Receive descriptor table
31
0
TDES0
Own
Status
TDES1
---
Control
Buffer2 byte-count
Buffer1 byte-count
TDSE2
Buffer1 address
TDSE3
Buffer2 address
Table 14.
Transmit descriptor description
Bit#
Name
Description
TDSE0
31
OWN
Own bit
1: Indicates this descriptor is ready to transmit
0: No transmit data in this descriptor.
30-24
---
Reserved
23-22
UR
Under-run count
21-16
---
Reserved
15
ES
Error summary. Logical OR of the following bits:
1: under-run error
8: excessive collision
9: late collision
10: no carrier
11: loss carrier
14: jabber time-out
14
TO
Transmit jabber time-out
13-12
-----
Reserved
11
LO
Loss of carrier
10
NC
No carrier
9
LC
Late collision
8
EC
Excessive collision
7
HF
Heartbeat fail
6-3
CC
Collision count
2
-----
Reserved
1
UF
Under-run error
0
DE
Deferred
TDES1
31
IC
Interrupt completed
30
LS
Last descriptor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com