Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE10A Datasheet(PDF) 77 Page - STMicroelectronics

Part # STE10A
Description  PCI 10/100 Ethernet controller with integrated PHY (3.3V)
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE10A Datasheet(HTML) 77 Page - STMicroelectronics

Back Button STE10A Datasheet HTML 73Page - STMicroelectronics STE10A Datasheet HTML 74Page - STMicroelectronics STE10A Datasheet HTML 75Page - STMicroelectronics STE10A Datasheet HTML 76Page - STMicroelectronics STE10A Datasheet HTML 77Page - STMicroelectronics STE10A Datasheet HTML 78Page - STMicroelectronics STE10A Datasheet HTML 79Page - STMicroelectronics STE10A Datasheet HTML 80Page - STMicroelectronics STE10A Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 82 page
background image
STE10/100A
Electrical specifications and timings
77/82
Figure 20.
Serial EEPROM timings
Figure 21.
Normal link pulse timings
Table 25.
10BASE-T normal link pulse (NLP) timings specifications
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Units
Tnpw
NLP width
10Mbps
100
ns
Tnpc
NLP period
10Mbps
8
24
ms
Table 26.
Auto-negotiation fast link pulse (FLP) timings specifications
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Units
Tflpw
FLP Width
100
ns
Tflcpp
Clock pulse to clock pulse
period
111
125
139
µs
Tflcpd
Clock pulse to data pulse
period
55.5
62.5
69.5
µs
-
Number of pulses in one
burst
17
33
#
Tflbw
Burst width
2
ms
Tflbp
FLP burst period
8
16
24
ms
Tedth
CS
CLK
DI
Tecsh
Tecsl
Tedts
Tecss
Tnpw
Tnpc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com