Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE10A Datasheet(PDF) 41 Page - STMicroelectronics

Part # STE10A
Description  PCI 10/100 Ethernet controller with integrated PHY (3.3V)
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE10A Datasheet(HTML) 41 Page - STMicroelectronics

Back Button STE10A Datasheet HTML 37Page - STMicroelectronics STE10A Datasheet HTML 38Page - STMicroelectronics STE10A Datasheet HTML 39Page - STMicroelectronics STE10A Datasheet HTML 40Page - STMicroelectronics STE10A Datasheet HTML 41Page - STMicroelectronics STE10A Datasheet HTML 42Page - STMicroelectronics STE10A Datasheet HTML 43Page - STMicroelectronics STE10A Datasheet HTML 44Page - STMicroelectronics STE10A Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 82 page
background image
STE10/100A
Registers and descriptors description
41/82
7BLE
Big or little endian selection.
0: little endian (for example INTEL)
1: big endian (only for data buffer)
0R/W*
6 ~ 2
DSL
Descriptor skip length. Defines the gap between
two descriptors in the units of DW.
0R/W*
1
BAR
Bus arbitration
0: receive operations have higher priority
1: transmit operations have higher priority
0R/W*
0SWR
Software reset
1: Reset all internal hardware (excluding
transceivers and configuration registers). This
signal will be cleared by the STE10/100A itself
after the reset process is completed.
0R/W*
R/W* = Before writing the transmit and receive operations should be stopped.
CSR1 (offset = 08h), TDR - Transmit demand register
31~ 0
TPDM
Transmit poll demand.
While the STE10/100A is in the suspended
state, a write to this register (any value) will
trigger the read-tx-descriptor process, which
checks the own-bit; if set, the transmit process is
then started.
FFFFFFFFh
R/W*
R/W* = Before writing the transmit process should be in the suspended state
CSR2 (offset = 10h), RDR - Receive demand register
31 ~ 0
RPDM
Receive poll demand.
While the STE10/100A is in the suspended
state, a write to this register (any value) will
trigger the read-rx-descriptor process, which
checks the own-bit, if set, the process to move
data from the FIFO to buffer is then started.
FFFFFFFFh
R/W*
R/W* = Before writing the receive process should be in the suspended state
CSR3 (offset = 18h), RDB - Receive descriptor base address
31~ 2
SAR
Start address of receive descriptor
0
R/W*
1, 0
RBND
Must be 00, DW boundary
00
RO
R/W* = Before writing the receive process should be stopped
CSR4 (offset = 20h), TDB - Transmit descriptor base address
31~ 2
SAT
Start address of transmit descriptor
0
R/W*
1, 0
TBND
Must be 00, DW boundary
00
RO
R/W* = Before writing the transmit process should be stopped
Table 8.
Control/status register description (continued)
Bit #
Name
Description
Default
RW type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com