Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE10A Datasheet(PDF) 32 Page - STMicroelectronics

Part # STE10A
Description  PCI 10/100 Ethernet controller with integrated PHY (3.3V)
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE10A Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STE10A Datasheet HTML 28Page - STMicroelectronics STE10A Datasheet HTML 29Page - STMicroelectronics STE10A Datasheet HTML 30Page - STMicroelectronics STE10A Datasheet HTML 31Page - STMicroelectronics STE10A Datasheet HTML 32Page - STMicroelectronics STE10A Datasheet HTML 33Page - STMicroelectronics STE10A Datasheet HTML 34Page - STMicroelectronics STE10A Datasheet HTML 35Page - STMicroelectronics STE10A Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 82 page
background image
Registers and descriptors description
STE10/100A
32/82
4.1.1
STE10/100A configuration registers description
Table 6.
Configuration registers description
Bit #
Name
Description
Default
RW type
CR0 (offset = 00h), LID - Loaded identification number of device and vendor
31~16
LDID
Loaded device ID, the device ID number loaded from
serial EEPROM
From
EEPROM
R/O
15~0
LVID
Loaded vendor ID, the vendor ID number loaded
from serial EEPROM
From
EEPROM
R/O
From EEPROM: Loaded from EEPROM
CR1 (offset = 04h), CSC - Configuration command and status
31
SPE
Status parity error.
1: means that STE10/100A detected a parity error.
This bit will be set even if the parity error response
(bit 6 of CR1) is disabled.
0R/W
30
SES
Status system error.
1: means that STE10/100A asserted the system
error pin.
0R/W
29
SMA
Status master abort.
1: means that STE10/100A received a master abort
and has terminated a master transaction.
0R/W
28
STA
Status target abort.
1: means that STE10/100A received a target abort
and has terminated a master transaction.
0R/W
27
---
Reserved
26, 25
SDST
Status device select timing. Indicates the timing of
the chip’s assertion of device select.
01: indicates a medium assertion of DEVSEL#.
01
R/O
24
SDPR
Status data parity report.
1: when three conditions are met:
a. STE10/100A asserted parity error (PERR#) or it
detected parity error asserted by another device.
b. STE10/100A is operating as a bus master.
c. STE10/100A’s parity error response bit (bit 6 of
CR1) is enabled.
0R/W
23
SFBB
Status fast back-to-back.
Always 1, since STE10/100A has the ability to
accept fast back to back transactions.
1R/O
22~21
---
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com