Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE10A Datasheet(PDF) 62 Page - STMicroelectronics

Part # STE10A
Description  PCI 10/100 Ethernet controller with integrated PHY (3.3V)
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE10A Datasheet(HTML) 62 Page - STMicroelectronics

Back Button STE10A Datasheet HTML 58Page - STMicroelectronics STE10A Datasheet HTML 59Page - STMicroelectronics STE10A Datasheet HTML 60Page - STMicroelectronics STE10A Datasheet HTML 61Page - STMicroelectronics STE10A Datasheet HTML 62Page - STMicroelectronics STE10A Datasheet HTML 63Page - STMicroelectronics STE10A Datasheet HTML 64Page - STMicroelectronics STE10A Datasheet HTML 65Page - STMicroelectronics STE10A Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 82 page
background image
Registers and descriptors description
STE10/100A
62/82
9LPT4
Link partner’s 100BASE-T4 ability.
0: link partner without 100BASE-T4 ability.
1: link partner with 100BASE-T4 ability.
0RO
8
LPTXF
Link partner’s 100BASE-TX full duplex ability.
0: link partner without 100BASE-TX full duplex
ability.
1: link partner with 100BASE-TX full duplex
ability.
0RO
7
LPTXH
Link partner’s 100BASE-TX half duplex ability.
0: link partner without 100BASE-TX.
1: link partner with 100BASE-TX ability.
0RO
6LP10F
Link partner’s 10BASE-T full duplex ability.
0: link partner without 10BASE-T full duplex
ability.
1: link partner with 10BASE-T full duplex ability.
0RO
5LP10H
Link partner’s 10BASE-T half duplex ability.
0: link partner without 10BASE-T ability.
1: link partner with 10BASE-T ability.
0RO
4~0
LPSF
Link partner select field. Standard IEEE 802.3 =
00001
0RO
XR6(offset = cch) - ANE, auto-negotiation expansion
15~5
---
reserved
0
RO
4PDF
Parallel detection fault.
0: no fault detected.
1: a fault detected via parallel detection function.
0RO/LH*
3LPNP
Link partner’s next page ability.
0: link partner without next page ability.
1: link partner with next page ability.
0RO
2NP
STE10/100A’s next page ability.
Always 0; STE10/100A does not support next
page ability.
0RO
1PR
Page received.
0: no new page has been received.
1: a new page has been received.
0RO/LH*
0LPAN
Link partner auto-negotiation ability.
0: link partner has no auto-negotiation ability.
1: link partner has auto-negotiation ability.
0RO
LH = High Latching and cleared by reading.
Table 10.
Transceiver registers description (continued)
Bit #
Name
Description
Default
RW type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com