Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE10A Datasheet(PDF) 27 Page - STMicroelectronics

Part # STE10A
Description  PCI 10/100 Ethernet controller with integrated PHY (3.3V)
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE10A Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STE10A Datasheet HTML 23Page - STMicroelectronics STE10A Datasheet HTML 24Page - STMicroelectronics STE10A Datasheet HTML 25Page - STMicroelectronics STE10A Datasheet HTML 26Page - STMicroelectronics STE10A Datasheet HTML 27Page - STMicroelectronics STE10A Datasheet HTML 28Page - STMicroelectronics STE10A Datasheet HTML 29Page - STMicroelectronics STE10A Datasheet HTML 30Page - STMicroelectronics STE10A Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 82 page
background image
STE10/100A
Functional description
27/82
3.6
LED display operation
The STE10/100A provides 2 LED display modes; the detailed descriptions of their operation
are described in the pin description section.
First mode – 3 LED displays
–
100Mbps (on) or 10Mbps (off)
–
Link (Remains on when link ok) or activity (Blinks at 10Hz when receiving or
transmitting collision-free)
–
FD (Remains on when in full duplex mode) or collision (Blinks at 20Hz when
collisions detected)
Second mode – 4 LED displays
–
100 Link (On when 100M link ok)
–
10 Link (On when 10M link ok)
–
Activity (Blinks at 10Hz when receiving or transmitting)
–
FD (Remains on when in full duplex mode) or collision (Blinks at 20Hz when
collisions detected)
3.7
Reset operation
3.7.1
Reset whole chip
There are two ways to reset the STE10/100A:
–
Hardware reset
Via RST# pin (to ensure proper reset operation, the RST# signal should be
asserted at least 100ms)
–
Software reset
Via SWR (bit 0 of CSR0) being set to 1 (the STE10/100A will reset all circuits
except the transceivers and configuration registers, set registers to their default
values, and will clear SWR) and set XRST(XR0, bit 15) to reset the transceivers.
3.7.2
Reset transceiver only
When XRST (bit 15 of XR0) is set to 1, the transceiver will reset its circuits, will initialize its
registers to their default values, and clear XRST.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com