Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE10A Datasheet(PDF) 25 Page - STMicroelectronics

Part # STE10A
Description  PCI 10/100 Ethernet controller with integrated PHY (3.3V)
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE10A Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STE10A Datasheet HTML 21Page - STMicroelectronics STE10A Datasheet HTML 22Page - STMicroelectronics STE10A Datasheet HTML 23Page - STMicroelectronics STE10A Datasheet HTML 24Page - STMicroelectronics STE10A Datasheet HTML 25Page - STMicroelectronics STE10A Datasheet HTML 26Page - STMicroelectronics STE10A Datasheet HTML 27Page - STMicroelectronics STE10A Datasheet HTML 28Page - STMicroelectronics STE10A Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 82 page
background image
STE10/100A
Functional description
25/82
3.5.3
Flow control in full duplex application
The PAUSE function is used to inhibit transmission of data frames for a specified period of
time. The STE10/100A supports the full duplex protocol of IEEE802.3x. To support the
PAUSE function, the STE10/100A implements the MAC Control Sub-layer functions to
decode the MAC Control frames received from MAC control clients and to execute the
relative requests accordingly. When full duplex mode and the PAUSE function are selected
after Auto-Negotiation completes (refer to the configuration of XR8), the STE10/100A will
enable the PAUSE function for flow control in a full duplex application. In this section we will
describe how the STE10/100A implements the PAUSE function.
MAC control frame and PAUSE frame
Figure 14.
MAC control frame format
The MAC control frame is distinguished from other MAC frames only by its length/type field
identifier. The MAC control opcode defined in MAC control frame format for the PAUSE
function is 0001h, and the PAUSE time is specified in the MAC control parameters field with
2 octets, representing an unsigned integer, in units of slot-times. The range of possible
PAUSE times is 0 to 65535 slot-times.
A valid PAUSE frame issued by a MAC control client (for example, a switch or a bridge)
would contain:
–
The destination address, set to the globally assigned 48 bit mulitcast address 01-
80-C2-00-00-01, or to the unicast address to which the MAC control client
requests to inhibit its transmission of data frames.
–
The MAC control opcode field set to 0001h.
–
2 octets of PAUSE time specified in the MAC control parameter field to indicate the
length of time for which the destination is requested to inhibit data frame
transmission.
Reserved (pads with zeroes)
MAC control parameter
MAC control Opcode
Lenght/Type = 88-08h
Source address
Destination address
Reserved (pads with zeroes)
MAC control parameter
MAC control Opcode
Lenght/Type = 88-08h
Source address
Destination address
(min frame size – 160) / 8 octets
2 octets
2 octets
6 octets
6 octets
(min frame size – 160) / 8 octets
2 octets
2 octets
6 octets
6 octets



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com