Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE10A Datasheet(PDF) 34 Page - STMicroelectronics

Part # STE10A
Description  PCI 10/100 Ethernet controller with integrated PHY (3.3V)
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE10A Datasheet(HTML) 34 Page - STMicroelectronics

Back Button STE10A Datasheet HTML 30Page - STMicroelectronics STE10A Datasheet HTML 31Page - STMicroelectronics STE10A Datasheet HTML 32Page - STMicroelectronics STE10A Datasheet HTML 33Page - STMicroelectronics STE10A Datasheet HTML 34Page - STMicroelectronics STE10A Datasheet HTML 35Page - STMicroelectronics STE10A Datasheet HTML 36Page - STMicroelectronics STE10A Datasheet HTML 37Page - STMicroelectronics STE10A Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 82 page
background image
Registers and descriptors description
STE10/100A
34/82
CR3 (offset = 0ch), LT - Latency timer
31~16
---
Reserved
15~ 8
LT
Latency timer. This value specifies the latency timer
of the STE10/100A in units of PCI bus clock cycles.
Once the STE10/100A asserts FRAME#, the latency
timer starts to count. If the latency timer expires and
the STE10/100A is still asserting FRAME#, the
STE10/100A will terminate the data transaction as
soon as its GNT# is removed.
40h
R/W
7 ~ 0
CLS
Cache line size. This value specifies the system
cache line size in units of 32-bit double words (DW).
The STE10/100A supports cache line sizes of 8, 16,
or 32 DW. CLS is used by the STE10/100A driver to
program the cache alignment bits (bit 14 and 15 of
CSR0) which are used for cache oriented PCI
commands, for example, memory-read-line,
memory-read-multiple, and memory-write-and-
invalidate.
08h
R/W
CR4 (offset = 10h), IOBA - I/O base address
31~ 7
IOBA
I/O base address. This value indicate the base
address of PCI control and status register
(CSR0~28), and transceiver registers (XR0~10).
0R/W
6 ~ 1
---
Reserved
0IOSI
I/O space indicator.
1: means that the configuration registers map into
I/O space.
1RO
CR5 (offset = 14h), MBA - Memory base address
31~ 7
MBA
Memory base address. This value indicate the base
address of PCI control and status
register(CSR0~28), and transceiver
registers(XR0~10).
0R/W
6 ~ 1
---
Reserved
0IOSI
Memory space indicator.
1: means that the configuration registers map into
I/O space.
0RO
CR11 (offset = 2ch), SID - Subsystem ID
31~16
SID
Subsystem ID. This value is loaded from EEPROM
as a result of power-on or hardware reset.
From
EEPROM
RO
15~ 0
SVID
Subsystem vendor ID. This value is loaded from
EEPROM as a result power-on or hardware reset.
From
EEPROM
RO
CR12 (offset = 30h), BRBA - Boot ROM base address. This register should be initialized before
accessing the boot ROM space.
Table 6.
Configuration registers description (continued)
Bit #
Name
Description
Default
RW type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com