Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE10A Datasheet(PDF) 43 Page - STMicroelectronics

Part # STE10A
Description  PCI 10/100 Ethernet controller with integrated PHY (3.3V)
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE10A Datasheet(HTML) 43 Page - STMicroelectronics

Back Button STE10A Datasheet HTML 39Page - STMicroelectronics STE10A Datasheet HTML 40Page - STMicroelectronics STE10A Datasheet HTML 41Page - STMicroelectronics STE10A Datasheet HTML 42Page - STMicroelectronics STE10A Datasheet HTML 43Page - STMicroelectronics STE10A Datasheet HTML 44Page - STMicroelectronics STE10A Datasheet HTML 45Page - STMicroelectronics STE10A Datasheet HTML 46Page - STMicroelectronics STE10A Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 82 page
background image
STE10/100A
Registers and descriptors description
43/82
15
AISS
Abnormal interrupt status summary. Set if any of
the following bits of CSR5 are asserted:
–
TPS, transmit process stopped (bit 1)
–
TJT, transmit jabber timer time-out (bit
3)
–
TUF, transmit under-flow (bit 5)
–
RDU, receive descriptor unavailable
(bit 7)
–
RPS, receive process stopped (bit 8)
–
RWT, receive watchdog time-out (bit
9)
–
GPTT, general purpose timer time-out
(bit 11)
–
FBE, fatal bus error (bit 13)
0RO/LH*
14
----
Reserved
13
FBE
Fatal bus error.
1: on occurrence of parity error, master abort, or
target abort (see bits 25~23 of CSR5). The
STE10/100A will disable all bus access. A
software reset is required to recover from a
parity error.
0RO/LH*
12
---
Reserved
11
GPTT
General purpose timer timeout, based on
CSR11 timer register
0RO/LH*
10
---
Reserved
9RWT
Receive watchdog timeout, based on CSR15
watchdog timer register
0RO/LH*
8
RPS
Receive process stopped, receive state = stop
0
RO/LH*
7
RDU
Receive descriptor unavailable.
1: when the next receive descriptor can not be
obtained by the STE10/100A. The receive
process is suspended in this situation. To restart
the receive process, the ownership bit of the next
receive descriptor should be set to STE10/100A
and a receive poll demand command should be
issued (if the receive poll demand is not issued,
the receive process will resume when a new
recognized frame is received).
0RO/LH*
6
RCI
Receive completed interrupt.
1: when a frame reception is completed.
0RO/LH*
5TUF
Transmit under-flow.
1: when an under-flow condition occurs in the
transmit FIFO during transmitting. The transmit
process will enter the suspended state and
report the under-flow error on bit 1 of TDES0.
0RO/LH*
Table 8.
Control/status register description (continued)
Bit #
Name
Description
Default
RW type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com