Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE10A Datasheet(PDF) 4 Page - STMicroelectronics

Part # STE10A
Description  PCI 10/100 Ethernet controller with integrated PHY (3.3V)
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE10A Datasheet(HTML) 4 Page - STMicroelectronics

  STE10A Datasheet HTML 1Page - STMicroelectronics STE10A Datasheet HTML 2Page - STMicroelectronics STE10A Datasheet HTML 3Page - STMicroelectronics STE10A Datasheet HTML 4Page - STMicroelectronics STE10A Datasheet HTML 5Page - STMicroelectronics STE10A Datasheet HTML 6Page - STMicroelectronics STE10A Datasheet HTML 7Page - STMicroelectronics STE10A Datasheet HTML 8Page - STMicroelectronics STE10A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 82 page
background image
Overview
STE10/100A
4/82
1
Overview
1.1
Block diagrams
Figure 1.
STE10/100A block diagram
Figure 2.
STE10/100A system diagram
Flow
control
DMA
Tx FiFo
Rx FiFo
EMI
Manchester
encoder
10 TX filter
Transmitter
Scrambler
4B/5B
Auto-negociation
Descrambler
5B/4B
Base line
restore
Adaptive
equalization
TX freq. synth.
10 clock
recovery
Manchester
decoder
Link polarity
100 clock
recovery
25MHz
125MHz
20MHz
PC00347
Xfmr
Medium
PCI
interface
Serial EEPROM
Boot ROM
25MHz crystal
LEDs
STE10/100A
PC00348



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com