Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE10A Datasheet(PDF) 31 Page - STMicroelectronics

Part # STE10A
Description  PCI 10/100 Ethernet controller with integrated PHY (3.3V)
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE10A Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STE10A Datasheet HTML 27Page - STMicroelectronics STE10A Datasheet HTML 28Page - STMicroelectronics STE10A Datasheet HTML 29Page - STMicroelectronics STE10A Datasheet HTML 30Page - STMicroelectronics STE10A Datasheet HTML 31Page - STMicroelectronics STE10A Datasheet HTML 32Page - STMicroelectronics STE10A Datasheet HTML 33Page - STMicroelectronics STE10A Datasheet HTML 34Page - STMicroelectronics STE10A Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 82 page
background image
STE10/100A
Registers and descriptors description
31/82
Table 5.
STE10/100A configuration registers table
offset
b31
-----------
b16
b15
----------
b0
00h
Device ID*
Vendor ID(1)
1.
Automatically recalled from EEPROM when PCI reset is deserted
DS(40h), bit15-8, is read/write able register
SIG(80h) is hard wired register, read only
04h
Status
Command
08h
Base class
code
Subclass
------
Revision #
Step #
0ch
------
------
Latency timer
Cache line size
10h
Base I/O address
14h
Base memory address
18h~28h
Reserved
2ch
Subsystem ID(1)
Subsystem vendor ID(1)
30h
Boot ROM base address
34h
Reserved
Cap_Ptr
38h
Reserved
3ch
Max_Lat(1)
Min-Gnt(1)
Interrupt pin
Interrupt line
40h
Reserved
Driver space
Reserved
80h
Signature of STE10/100A
c0h
PMC
Next_Item_Ptr
Cap_ID
c4h
Reserved
PMCSR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com