Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE10A Datasheet(PDF) 53 Page - STMicroelectronics

Part # STE10A
Description  PCI 10/100 Ethernet controller with integrated PHY (3.3V)
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE10A Datasheet(HTML) 53 Page - STMicroelectronics

Back Button STE10A Datasheet HTML 49Page - STMicroelectronics STE10A Datasheet HTML 50Page - STMicroelectronics STE10A Datasheet HTML 51Page - STMicroelectronics STE10A Datasheet HTML 52Page - STMicroelectronics STE10A Datasheet HTML 53Page - STMicroelectronics STE10A Datasheet HTML 54Page - STMicroelectronics STE10A Datasheet HTML 55Page - STMicroelectronics STE10A Datasheet HTML 56Page - STMicroelectronics STE10A Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 82 page
background image
STE10/100A
Registers and descriptors description
53/82
16
ANISE
Added normal interrupt summary enable.
1: adds the interrupts of bits 30 and 31 of
ACSR7 (CSR17) to the normal interrupt
summary (bit 16 of CSR5).
0R/W
15
AAIE
Added abnormal interrupt summary enable.
1: adds the interrupt of bits 27, 28, and 29 of
ACSR7 (CSR17) to the abnormal interrupt
summary (bit 16 of CSR5).
0R/W
14~0
These bits are the same as the interrupt enable
register of CSR7, and are accessible through
either CSR7 or CSR16.
CSR18 (offset = 88h), CR - Command register bit31 to bit16 automatically recall from EEPROM
31
D3CS
D3cold power state wake up support. If this bit is
reset then bit 31 of PMR0 will be reset to ‘0’. If
this bit is asserted and an auxiliary power source
is detected then bit 31 of PMR0 will be set to ‘1’.
0
from
EEPROM
R/W
30-28
AUXCL
Aux. current load. These three bits report the
maximum 3.3Vaux current requirements for
STE10/100A chip. If bit 31 of PMR0 is ‘1’, the
default value is 111b, which means the
STE10/100A need 375 mA to support remote
wake-up in D3cold power state. Otherwise, the
default value is 000b, which means the
STE10/100A does not support remote wake-up
from D3cold power state.
000b
from
EEPROM
R/W
27-24
---
Reserved
23
4LEDmod
e_on
This bit is used to control the LED mode
selection.
If this bit is reset, mode 1 (3 LEDs) is selected;
the LEDs definition is:
- 100/10 speed
- Link/activity
- Full duplex/collision
If this bit is set, mode 2 (4 LEDs) is selected; the
LEDs definition is:
- 100 link
- 10 link
- Activity
- Full duplex/collision
0
from
EEPROM
R/W
22, 21
RFS
Receive FIFO size control
11: 1K bytes
10: 2K bytes
01,00: reserved
10
from
EEPROM
R/W
20
---
Reserved
Table 8.
Control/status register description (continued)
Bit #
Name
Description
Default
RW type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com