Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE10A Datasheet(PDF) 75 Page - STMicroelectronics

Part # STE10A
Description  PCI 10/100 Ethernet controller with integrated PHY (3.3V)
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE10A Datasheet(HTML) 75 Page - STMicroelectronics

Back Button STE10A Datasheet HTML 71Page - STMicroelectronics STE10A Datasheet HTML 72Page - STMicroelectronics STE10A Datasheet HTML 73Page - STMicroelectronics STE10A Datasheet HTML 74Page - STMicroelectronics STE10A Datasheet HTML 75Page - STMicroelectronics STE10A Datasheet HTML 76Page - STMicroelectronics STE10A Datasheet HTML 77Page - STMicroelectronics STE10A Datasheet HTML 78Page - STMicroelectronics STE10A Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 82 page
background image
STE10/100A
Electrical specifications and timings
75/82
Figure 17.
PCI timings
Table 23.
Flash interface timings
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Units
Tfcyc
Read/write cycle time
ns
Tfce
Address to read data setup
time
ns
Tfce
CS# to read data setup time
ns
Tfoe
OE# active to read data
setup time
ns
Tfdf
OE# inactive to data driven
delay time
ns
Tfas
Address setup time before
WE#
ns
Tfah
Address hold time after WE#
ns
Tfcs
CS# setup time before WE#
ns
Tfch
Address hold time after WE#
ns
Tfds
Data setup time
ns
Tfdh
Data hold time
ns
Tfwpw
Write pulse width
ns
Tfwph
Write pulse width high
ns
Tfasc
Address setup time before
CS#
ns
Tfahc
Address hold time after CS#
ns
CLK
0.6Vcc
0.2Vcc
Tval
OUTPUT delay
Ton
0.4Vcc
Tri-state OUTPUT
INPUT
0.4Vcc
Toff
Tsu
Th
.
0.4Vcc
0.6Vcc
0.2Vcc
0.4Vcc
0.4Vcc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com