Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE10A Datasheet(PDF) 73 Page - STMicroelectronics

Part # STE10A
Description  PCI 10/100 Ethernet controller with integrated PHY (3.3V)
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE10A Datasheet(HTML) 73 Page - STMicroelectronics

Back Button STE10A Datasheet HTML 69Page - STMicroelectronics STE10A Datasheet HTML 70Page - STMicroelectronics STE10A Datasheet HTML 71Page - STMicroelectronics STE10A Datasheet HTML 72Page - STMicroelectronics STE10A Datasheet HTML 73Page - STMicroelectronics STE10A Datasheet HTML 74Page - STMicroelectronics STE10A Datasheet HTML 75Page - STMicroelectronics STE10A Datasheet HTML 76Page - STMicroelectronics STE10A Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 82 page
background image
STE10/100A
Electrical specifications and timings
73/82
6.1
Timing specifications
10BASE-T voltage/current characteristics
Vida10
Input differential accept peak
voltage
5MHz ~ 10MHz
585
3100
mV
Vidr10
Input differential reject peak
voltage
5MHz ~ 10MHz
0
585
mV
Vod10
Output differential peak
voltage
2200
2800
V
100BASE-TX voltage/current Characteristics
Vida100
Input differential accept peak
voltage
200
1000
mV
Vidr100
Input differential reject peak
voltage
0
200
mV
Vod100
Output differential peak
voltage
950
1050
V
Table 19.
AC specifications
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Units
PCI signaling AC specifications
Ioh(AC)
Switching current high
Vout=.7Vcc
-32Vcc
mA
Iol(AC)
Switching current low
Vout=.18Vcc
38Vcc
mA
Icl
Low clamp current
-3<Vin<-1
-
25+(Vin+1)
/.015
mA
Tr
Unloaded output rise time
1
4
V/ns
Tf
Unloaded output fall time
1
4
V/ns
Table 18.
General DC specifications (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Units
Table 20.
PCI clock specifications
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Units
Tc
Clock cycle time
30
50
ns
Th
Clock high time
11
--
ns
Tl
Clock low time
11
--
ns
Clock slew rate
1
4
V/ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com