Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE10A Datasheet(PDF) 65 Page - STMicroelectronics

Part # STE10A
Description  PCI 10/100 Ethernet controller with integrated PHY (3.3V)
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE10A Datasheet(HTML) 65 Page - STMicroelectronics

Back Button STE10A Datasheet HTML 61Page - STMicroelectronics STE10A Datasheet HTML 62Page - STMicroelectronics STE10A Datasheet HTML 63Page - STMicroelectronics STE10A Datasheet HTML 64Page - STMicroelectronics STE10A Datasheet HTML 65Page - STMicroelectronics STE10A Datasheet HTML 66Page - STMicroelectronics STE10A Datasheet HTML 67Page - STMicroelectronics STE10A Datasheet HTML 68Page - STMicroelectronics STE10A Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 82 page
background image
STE10/100A
Registers and descriptors description
65/82
11, 10
---
Reserved
1
9
ENRLB
Enable remote loop-back function.
1: enable remote loop-back (CSR6 bits 11 and
10 must be 00).
0R/W
8
ENDCR
Enable DC restoration.
0: disable DC restoration.
1: enable DC restoration.
1R/W
7
ENRZI
Enable the conversions between NRZ and NRZI.
0: disable the data conversion between NRZ and
NRZI.
1: enable the data conversion of NRZI to NRZ in
receiving and NRZ to NRZI in transmitting.
1R/W
6---
Reserved
5ISOTX
Transmit Isolation. When 1, isolate from MII and
tx+/-. This bit must be 0 for normal operation
0R/W
4~2
CMODE
Reports current transceiver operating mode.
000: in auto-negotiation
001: 10Base-T half duplex
010: 100Base-TX half duplex
011: reserved
100: reserved
101: 10Base-T full duplex
110: 100Base-TX full duplex
111: isolation, auto-negotiation disable
000
RO
1DISMLT
Disable MLT3.
0: the MLT3 encoder and decoder are enabled.
1: the MLT3 encoder and decoder are bypassed.
0R/W
0
DISCRM
Disable scramble.
0: the scrambler and de-scrambler is enabled.
1: the scrambler and de-scrambler are disabled.
0R/W
Table 10.
Transceiver registers description (continued)
Bit #
Name
Description
Default
RW type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com