Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE10A Datasheet(PDF) 18 Page - STMicroelectronics

Part # STE10A
Description  PCI 10/100 Ethernet controller with integrated PHY (3.3V)
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE10A Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STE10A Datasheet HTML 14Page - STMicroelectronics STE10A Datasheet HTML 15Page - STMicroelectronics STE10A Datasheet HTML 16Page - STMicroelectronics STE10A Datasheet HTML 17Page - STMicroelectronics STE10A Datasheet HTML 18Page - STMicroelectronics STE10A Datasheet HTML 19Page - STMicroelectronics STE10A Datasheet HTML 20Page - STMicroelectronics STE10A Datasheet HTML 21Page - STMicroelectronics STE10A Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 82 page
background image
Functional description
STE10/100A
18/82
3.3.2
Transmit pre-fetch data flow
–
Transmit FIFO size=2K-byte
–
Two packets in the FIFO at the same time
–
Meet the transmit min. back-to-back
Figure 10.
Transmit pre-fetch data flow
3.3.3
Transmit early interrupt scheme
Figure 11.
Transmit normal interrupt and early interrupt comparison
Place the 1st packet data into host memory
Issue transmit demand
FIFO-to-host memory operation (1st packet)
Time
Transmit enable
Place the 2nd packet data into host memory
Check the
next packet
Check point
FIFO-to-host memory operation (2nd packet)
Transmit
threshold
Place the 3rd packet data into host memory
1st packet is
transmitted, check
the 3rd packet
FIFO-to-host memory operation (3rd packet)
IFG
Check point
1st packet
2nd packet
: handled by driver
: handled by STE10/100A
PC00355
Host to TX-FIFO memory
operation
Transmit data from FIFO to media
Normal interrupt after transmit
completed
Driver return buffer to upper layer
Early interrupt after host to TX-
FIFO operation completed
Driver return buffer to upper layer
The saved time when transmit
early interrupt is implemented
Time
: handled by driver
: handled by STE10/100A
Host to TX-FIFO memory
operation
Transmit data from FIFO to media
Normal interrupt after transmit
completed
Driver return buffer to upper layer
Early interrupt after host to TX-
FIFO operation completed
Driver return buffer to upper layer
The saved time when transmit
early interrupt is implemented
Time
: handled by driver
: handled by STE10/100A
PC00356



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com