Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE10A Datasheet(PDF) 76 Page - STMicroelectronics

Part # STE10A
Description  PCI 10/100 Ethernet controller with integrated PHY (3.3V)
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE10A Datasheet(HTML) 76 Page - STMicroelectronics

Back Button STE10A Datasheet HTML 72Page - STMicroelectronics STE10A Datasheet HTML 73Page - STMicroelectronics STE10A Datasheet HTML 74Page - STMicroelectronics STE10A Datasheet HTML 75Page - STMicroelectronics STE10A Datasheet HTML 76Page - STMicroelectronics STE10A Datasheet HTML 77Page - STMicroelectronics STE10A Datasheet HTML 78Page - STMicroelectronics STE10A Datasheet HTML 79Page - STMicroelectronics STE10A Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 82 page
background image
Electrical specifications and timings
STE10/100A
76/82
Figure 18.
Flash write timings
Figure 19.
Flash read timings
Table 24.
EEPROM Interface Timings
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Units
Tscf
Serial clock frequency
Tscf - 1.4
µs714
kHz
Tecss
Delay from CS high to SK
high
0.1
1.7
µs
Tecsh
Delay from SK low to CS low
200
650
ns
Tedts
Setup time of DI to SK
200
600
ns
Tedth
Hold time of DI after SK
0
700
ns
Tecsl
CS low time
0.5
1.1
µs
Tfcyc
Tfasc
Tfah
Tfasw
Tahw
Tfwpw
Tfds
Tfdh
Tfcss
Tfcsh
Tfwph
ADDRESS
CS#
WE#
DATA
ADDRESS
CS#
OE#
DATA
Tfcyc
Tfce
Tfoe
Tfasd
Tfdf



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com