Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4956 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TS4956
Description  Stereo audio amplifier system with I2C bus interface
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4956 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TS4956 Datasheet HTML 5Page - STMicroelectronics TS4956 Datasheet HTML 6Page - STMicroelectronics TS4956 Datasheet HTML 7Page - STMicroelectronics TS4956 Datasheet HTML 8Page - STMicroelectronics TS4956 Datasheet HTML 9Page - STMicroelectronics TS4956 Datasheet HTML 10Page - STMicroelectronics TS4956 Datasheet HTML 11Page - STMicroelectronics TS4956 Datasheet HTML 12Page - STMicroelectronics TS4956 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 51 page
background image
TS4956
Electrical characteristics
9/51
3
Electrical characteristics
Table 10.
VCC = +2.7 V, GND = 0V, Tamb = 25°C (unless otherwise specified)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
ICC
Supply Current
Mode 1, 2, No input signal, no load
3.4
4.4
mA
Mode 3, No input signal, no load
4.6
6
Mode 4, No input signal, no load
4.4
5.7
Mode 5, 6, No input signal, no load
1.75
2.3
Mode 7, No input signal, no load
5.7
7.4
ISTBY
Standby Current
No input signal
0.5
2
µA
VOO
Output Offset Voltage
No input signal
Modes 1, 2
Speaker Output, RL =8Ω
Mode 3
Headphone Outputs, RL =16Ω
Mode 4
Headphone Outputs, RL =16Ω
Mode 7
BTL, Speaker Output, RL =8Ω
5
5
5
5
50
50
20
20
mV
Pout
Headphone Output Power
(Phantom Ground mode)
Modes 3, 4
THD+N = 1% max, F = 1kHz, RL =16Ω
THD+N = 1% max, F = 1kHz, RL =32Ω
30
20
35
25
mW
BTL, Speaker Output
Power
Modes 1, 2, 7
THD+N = 1% max, F = 1kHz, RL =8Ω
270
285
MLO Output Power
Modes 5, 6
THD+N = 1% max, F = 1kHz, RL =16Ω
THD+N = 1% max, F = 1kHz, RL =32Ω
35
20
42
25
THD+N
Total Harmonic Distortion
+ Noise
G = +1.5dB, 20Hz < F < 20kHz
Modes 1, 2, 7, RL =8Ω, Pout = 200mW
Modes 3, 4, RL =16Ω, Pout = 15mW
Modes 5, 6, RL =16Ω, Pout = 30mW
0.5
0.5
0.5
%
PSRR
Power Supply Rejection
Ratio(1)
F = 217Hz, G = +1.5dB, Vripple = 200mVpp,
Inputs Grounded, Cb =1µF
Mode 1, Speaker output, RL =8Ω
Mode 2, Speaker output, RL =8Ω
Mode 3, Headphone outputs, RL =16Ω
Mode 4, Headphone outputs, RL =16Ω
Mode 5, MLO output, RL =16Ω
Mode 6, MLO output, RL =16Ω
Mode 7, BTL, Speaker outputs, RL =8Ω
60
55
61
75
62
57
73
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com