Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4956 Datasheet(PDF) 44 Page - STMicroelectronics

Part # TS4956
Description  Stereo audio amplifier system with I2C bus interface
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4956 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button TS4956 Datasheet HTML 40Page - STMicroelectronics TS4956 Datasheet HTML 41Page - STMicroelectronics TS4956 Datasheet HTML 42Page - STMicroelectronics TS4956 Datasheet HTML 43Page - STMicroelectronics TS4956 Datasheet HTML 44Page - STMicroelectronics TS4956 Datasheet HTML 45Page - STMicroelectronics TS4956 Datasheet HTML 46Page - STMicroelectronics TS4956 Datasheet HTML 47Page - STMicroelectronics TS4956 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 51 page
background image
TS4956
Application information
44/51
4.8
Notes on PSRR measurements
4.8.1
What is PSRR?
The PSRR is the Power Supply Rejection Ratio. The PSRR of a device is the ratio between
a power supply disturbance and the result on the output. In other words, the PSRR is the
ability of a device to minimize the impact of power supply disturbance to the output.
4.8.2
How we measure the PSRR?
The PSRR was measured with the TS4956 in the configuration shown in the schematic in
Figure 132
Figure 132. Configuration schematic of TS4956 for PSRR measurement
Main operating principles of TS4956 for purposes of PSRR measurement:
The DC voltage supply (VCC) is fixed
The AC sinusoidal ripple voltage (Vripple) is fixed
No bypass capacitor Cs is used
The PSRR value for each frequency is calculated as:
RMS is a rms selective measurement.
F
F
E
E
D
D
C
C
B
B
A
A
Bias
control
Select
I2C
Mode
TS4956
LHP
MLO
PHG
RHP
LHP Amplifier
Speaker Amplifier
RHP Amplifier
PHG Amplifier
I2CVCC
BYPASS
Digital volume
SRP+
SRN-
MLO Amplifier
Stereo
Stereo
Input Left
Input Right
LIN
RIN
Stereo
Stereo
Input Left
Input Right
MIP
MIN
B4
A2
A1
A5
B6
A7
D6
B2
D2
E7
Cb
1µF
16 Ohms
RL
+
Cout
220µF
I2CVCC
SCL
SDA
+
Cin1
330nF
+
Cin2
330nF
Diff. input +
Diff. input -
I2C BUS
+
Cin3
330nF
+
Cin4
330nF
SE input left
SE input right
8 Ohms
RL
16 Ohms
RL
16 Ohms
RL
8 Ohms
RL
MODE7
10 Ohms
10 Ohms
10 Ohms
10 Ohms
Vripple
Vcc
PSRR
20Log
RMS
Out put
()
RMS
Vripple
()
---------------------------------- dB
()
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com