Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4956 Datasheet(PDF) 41 Page - STMicroelectronics

Part # TS4956
Description  Stereo audio amplifier system with I2C bus interface
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4956 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button TS4956 Datasheet HTML 37Page - STMicroelectronics TS4956 Datasheet HTML 38Page - STMicroelectronics TS4956 Datasheet HTML 39Page - STMicroelectronics TS4956 Datasheet HTML 40Page - STMicroelectronics TS4956 Datasheet HTML 41Page - STMicroelectronics TS4956 Datasheet HTML 42Page - STMicroelectronics TS4956 Datasheet HTML 43Page - STMicroelectronics TS4956 Datasheet HTML 44Page - STMicroelectronics TS4956 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 51 page
background image
TS4956
Application information
41/51
4.4
Low frequency response
4.4.1
Input capacitor Cin
The input coupling capacitor blocks the DC part of the input signal at the amplifier input. In
the low-frequency region, Cin starts to have an effect. Cin with Zin forms a first-order, high-
pass filter with -3 dB cut-off frequency.
Zin is the input impedance of the corresponding input.
Note:
For all inputs, the impedance value remains constant for all gain settings. This means that
the lower cut-off frequency doesn’t change with the gain setting. Note also that 30 k
Ω is a
typical value and there is tolerance around this value. Using Figure 129 you can easily
establish the Cin value required for a -3dB cut-off frequency.
Figure 129. 3dB lower cut off frequency vs. input capacitance
4.4.2
Output capacitor Cout
In the single-ended configuration an external output coupling capacitor, Cout, is needed.
This coupling capacitor Cout, together with the output load RL, forms a first-order high-pass
filter with -3 dB cut off frequency.
See
Figure 130 to establish the Cout value for a -3dB cut-off frequency required.
These two first-order filters form a second-order high-pass filter. The -3 dB cut-off frequency
of these two filters should be the same, so the following formula should be respected:
F
CL
1
2
πZ
inCin
------------------------ (Hz)
=
1
10
100
Typical Input
Impedance
Maximum Input
Impedance
Minimum Input
Impedance
All gain setting
Tamb=25
°C
Input Capacitor Cin (
µF)
0.1
F
CL
1
2
πR
LCout
-------------------------- Hz
()
=
1
2
πZ
inCin
------------------------
1
2
πR
L Cout
--------------------------
≅



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com