Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4956 Datasheet(PDF) 45 Page - STMicroelectronics

Part # TS4956
Description  Stereo audio amplifier system with I2C bus interface
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4956 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button TS4956 Datasheet HTML 41Page - STMicroelectronics TS4956 Datasheet HTML 42Page - STMicroelectronics TS4956 Datasheet HTML 43Page - STMicroelectronics TS4956 Datasheet HTML 44Page - STMicroelectronics TS4956 Datasheet HTML 45Page - STMicroelectronics TS4956 Datasheet HTML 46Page - STMicroelectronics TS4956 Datasheet HTML 47Page - STMicroelectronics TS4956 Datasheet HTML 48Page - STMicroelectronics TS4956 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 51 page
background image
TS4956
Application information
45/51
4.9
Pop and click performance
The TS4956 has internal pop and click reduction circuitry which eliminates the output
transients, such as for example during switch-on or switch-off phases, or during a switch
from one output mode to another, or when changing the volume. The performance of this
circuitry is closely linked to the values of the input capacitor Cin, the output capacitor Cout
(for single-ended configuration) and the bias voltage bypass capacitor Cb.
The values of Cin and Cout are determined by the lower cut-off frequency value requested.
The value of Cb will affect the THD+N and PSRR values in lower frequencies.
The TS4956 is optimized to have low pop and click in the typical schematic configurations
(see
Figure 1 on page 3 and Figure 2 on page 4).
4.10
Thermal shutdown
The TS4956 device has internal thermal shutdown protection in the event of extreme
temperatures. Thermal shutdown is active when the device reaches temperature 150°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com