Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4956 Datasheet(PDF) 14 Page - STMicroelectronics

Part # TS4956
Description  Stereo audio amplifier system with I2C bus interface
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4956 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TS4956 Datasheet HTML 10Page - STMicroelectronics TS4956 Datasheet HTML 11Page - STMicroelectronics TS4956 Datasheet HTML 12Page - STMicroelectronics TS4956 Datasheet HTML 13Page - STMicroelectronics TS4956 Datasheet HTML 14Page - STMicroelectronics TS4956 Datasheet HTML 15Page - STMicroelectronics TS4956 Datasheet HTML 16Page - STMicroelectronics TS4956 Datasheet HTML 17Page - STMicroelectronics TS4956 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 51 page
background image
Electrical characteristics
TS4956
14/51
SNR
Signal To Noise Ratio
A-weighted, G = +1.5dB, THD+N < 0.5%,
20Hz < F < 20kHz
Mode 1 - Speaker output, RL =8Ω
Mode 2 - Speaker output, RL =8Ω
Mode 3 - Headphone output, RL =16Ω
Mode 4 - Headphone output, RL =16Ω
Mode 5 - MLO output, RL =16Ω
Mode 6 - MLO output, R = 16
Mode 7 - BTL, Speaker output, RL =8Ω,
G = +10.5dB
96
96
85
91
90
90
98
dB
G
Digital Gain Range
-34.5
+12
dB
Digital Gain Stepsize
1.5
dB
Stepsize Error
0.1
0.6
dB
Zin
Input Impedance, all Gain
setting
Differential input
Differential input impedance (MIP to MIN)
MIP input impedance referenced to ground
MIN input impedance referenced to ground
Stereo input
RIN input impedance
LIN input impedance
50
25.5
38
25.5
25.5
60
30
45
30
30
70
34.5
62
34.5
34.5
k
tWU
Wake up time
70
90
ms
tSTBY
Standby time
1
µs
1.
Internal power limitation on headphone outputs (see application information).
2.
Dynamic measurements - 20*log(rms(Vout)/rms(Vripple)). Vripple is an added sinus signal to VCC @ F = 217Hz.
Table 12.
VCC = +5 V, GND = 0V, Tamb = 25°C (unless otherwise specified)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Table 13.
Output noise VCC = 2.7V to 5.5V (all inputs grounded)
G = +12dB
G = +10.5dB
G = +1.5dB
A-weighted
filter
Unweighted
filter
(20Hz -
20kHz)
A-weighted
filter
Unweighted
filter
(20Hz -
20kHz)
A-weighted
filter
Unweighted
filter
(20Hz -
20kHz)
Vout (µV)
Vout (µV)
Vout (µV)
Vout (µV)
Vout (µV)
Vout (µV)
Mode1 - SPK out
54
80
67
100
45
66
Mode2 - SPK out
67
99
75
111
45
69
Mode3 - LHP, RHP
55
80
68
100
45
67
Mode4 - LHP, RHP
29
43
35
52
23
34
Mode5 - MLO
53
80
66
97
45
66
Mode6 - MLO
65
96
73
106
45
67
Mode7 - BTL, SPK out
29
42
35
52
23
34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com