Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4956 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TS4956
Description  Stereo audio amplifier system with I2C bus interface
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4956 Datasheet(HTML) 3 Page - STMicroelectronics

  TS4956 Datasheet HTML 1Page - STMicroelectronics TS4956 Datasheet HTML 2Page - STMicroelectronics TS4956 Datasheet HTML 3Page - STMicroelectronics TS4956 Datasheet HTML 4Page - STMicroelectronics TS4956 Datasheet HTML 5Page - STMicroelectronics TS4956 Datasheet HTML 6Page - STMicroelectronics TS4956 Datasheet HTML 7Page - STMicroelectronics TS4956 Datasheet HTML 8Page - STMicroelectronics TS4956 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 51 page
background image
TS4956
Typical application schematic
3/51
2
Typical application schematic
Figure 1.
Typical application for the TS4956 (mode 1, 2, 3, 4, 5, 6)
Table 4.
External components descriptions
Components
Functional description
Cs1, Cs2
Supply bypass capacitors which provide power supply filtering.
Cb
Bypass capacitor which provides half-supply filtering.
Cin1 to Cin4
Input capacitors which form together with input impedance Zin first-order high pass
filter to block DC voltage on inputs
Cout
Output capacitor which forms with output load RL first-order high pass filter to block
half-supply voltage on single-ended output.
R1
Resistor to keep
Cout charged for better pop performance on single-ended output.
Bias
control
Select
I2C
Mode
TS4956
LHP
MLO
PHG
RHP
LHP Amplifier
Speaker Amplifier
RHP Amplifier
PHG Amplifier
I2CVCC
BYPASS
Digital volume
SRP+
SRN-
MLO Amplifier
Stereo
Stereo
Input Left
Input Right
LIN
RIN
Stereo
Stereo
Input Left
Input Right
MIP
MIN
B4
A2
A1
A5
B6
A7
D6
B2
D2
E7
+
Cin3
330nF
+
Cin4
330nF
Cb
1µF
Cs1
1µF
1k
R1
16/32 Ohms
16/32 Ohms
16/32 Ohms
+
Cout
220µF
8 Ohms
Cs2
100nF
I2CVCC
SCL
SDA
MODE1: Gx(MIP+MIN)
MODE5: Gx(MIP+MIN)
MODE4: GxLIN
MODE4: GxRIN
Vcc
+
Cin1
330nF
+
Cin2
330nF
MODE3: Gx(MIP+MIN)
MODE3: Gx(MIP+MIN)
MODE2: Gx(LIN+RIN)
MODE6: Gx(LIN + RIN)
Diff. input +
Diff. input -
SE input left
SE input right
I2C BUS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com