Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4956 Datasheet(PDF) 26 Page - STMicroelectronics

Part # TS4956
Description  Stereo audio amplifier system with I2C bus interface
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4956 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button TS4956 Datasheet HTML 22Page - STMicroelectronics TS4956 Datasheet HTML 23Page - STMicroelectronics TS4956 Datasheet HTML 24Page - STMicroelectronics TS4956 Datasheet HTML 25Page - STMicroelectronics TS4956 Datasheet HTML 26Page - STMicroelectronics TS4956 Datasheet HTML 27Page - STMicroelectronics TS4956 Datasheet HTML 28Page - STMicroelectronics TS4956 Datasheet HTML 29Page - STMicroelectronics TS4956 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 51 page
background image
TS4956
Electrical characteristics
26/51
Figure 72.
PSRR vs. frequency
Figure 73.
PSRR vs. frequency
Figure 74.
CMRR vs. frequency
Figure 75.
PSRR vs. frequency
Figure 76.
CMRR vs. frequency
Figure 77.
CMRR vs. frequency
100
1000
10000
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
G=+10.5dB
G=-34.5dB
G=-18dB
G=+6dB
G=-9dB
G=+1.5dB
20
G=+12dB
Mode 7 - BTL, SPK out
Vcc = 2.7V
RL
≥ 8Ω, Cb = 1µF
Inp. grounded
Vripple = 200mVpp
Frequency (Hz)
100
1000
10000
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
G=+10.5dB
G=-34.5dB
G=-18dB
G=+6dB
G=-9dB
G=+1.5dB
20
G=+12dB
Mode 7 - BTL, SPK out
Vcc = 5V
RL
≥ 8Ω, Cb = 1µF
Inp. grounded
Vripple = 200mVpp
Frequency (Hz)
100
1000
10000
-100
-80
-60
-40
-20
0
G=-34.5dB
G=-18dB
G=-9dB
G=+1.5dB
G=+6dB
G=+10.5dB
G=+12dB
Mode 3 - LHP, RHP
Vcc = 2.7V, 3.3V, 5V
RL
≥ 8Ω, Cb = 1µF
Cin = 470
µF
Vic = 200mVpp
Frequency (Hz)
100
1000
10000
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
G=+10.5dB
G=-34.5dB
G=-18dB
G=+6dB
G=-9dB
G=+1.5dB
20
G=+12dB
Mode 7 - BTL, SPK out
Vcc = 3.3V
RL
≥ 8Ω, Cb = 1µF
Inp. grounded
Vripple = 200mVpp
Frequency (Hz)
100
1000
10000
-100
-80
-60
-40
-20
0
G=-34.5dB
G=-18dB
G=-9dB
G=+1.5dB
G=+6dB
G=+10.5dB
G=+12dB
Mode 1 - SPK out
Vcc = 2.7V, 3.3V, 5V
RL
≥ 8Ω, Cb = 1µF
Cin = 470
µF
Vic = 200mVpp
Frequency (Hz)
100
1000
10000
-100
-80
-60
-40
-20
0
G=-34.5dB
G=-18dB
G=-9dB
G=+1.5dB
G=+6dB
G=+10.5dB
G=+12dB
Mode 5 - MLO
Vcc = 2.7V, 3.3V, 5V
RL
≥ 16Ω, Cb = 1µF
Cin = 470
µF
Vic = 200mVpp
Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com