Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4956 Datasheet(PDF) 10 Page - STMicroelectronics

Part # TS4956
Description  Stereo audio amplifier system with I2C bus interface
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4956 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TS4956 Datasheet HTML 6Page - STMicroelectronics TS4956 Datasheet HTML 7Page - STMicroelectronics TS4956 Datasheet HTML 8Page - STMicroelectronics TS4956 Datasheet HTML 9Page - STMicroelectronics TS4956 Datasheet HTML 10Page - STMicroelectronics TS4956 Datasheet HTML 11Page - STMicroelectronics TS4956 Datasheet HTML 12Page - STMicroelectronics TS4956 Datasheet HTML 13Page - STMicroelectronics TS4956 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 51 page
background image
Electrical characteristics
TS4956
10/51
Crosstalk Channel Separation
Mode 4
F= 1kHz, RL =16Ω, Pout =15mW
F = 20Hz to 20kHz, RL =16Ω, Pout =15mW
Mode 7
F= 1kHz, RL =8Ω, Pout = 200mW
F = 20Hz to 20kHz, RL =8Ω, Pout = 200mW
50
50
80
60
dB
SNR
Signal To Noise Ratio
A-weighted, G = +1.5dB, THD+N < 0.5%,
20Hz < F < 20kHz
Mode 1 - Speaker output, RL =8Ω
Mode 2 - Speaker output, RL =8Ω
Mode 3 - Headphone output, RL =16Ω
Mode 4 - Headphone output, RL =16Ω
Mode 5 - MLO output, RL =16Ω
Mode 6 - MLO output, R = 16
Ω
Mode 7 - BTL, Speaker output, RL =8Ω,
G = +10.5dB
91
90
84
90
85
85
92
dB
G
Digital Gain Range
-34.5
+12
dB
Digital Gain Stepsize
1.5
dB
Stepsize Error
0.1
0.6
dB
Zin
Input Impedance, all Gain
setting
Differential input
Differential input impedance (MIP to MIN)
MIP input impedance referenced to ground
MIN input impedance referenced to ground
Stereo input
RIN input impedance
LIN input impedance
50
25.5
38
25.5
25.5
60
30
45
30
30
70
34.5
62
34.5
34.5
k
Ω
tWU
Wake up time
70
90
ms
tSTBY
Standby time
1
µs
1.
Dynamic measurements - 20*log(rms(Vout)/rms(Vripple)). Vripple is an added sinus signal to VCC @ f = 217Hz.
Table 10.
VCC = +2.7 V, GND = 0V, Tamb = 25°C (unless otherwise specified)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com