Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4956 Datasheet(PDF) 28 Page - STMicroelectronics

Part # TS4956
Description  Stereo audio amplifier system with I2C bus interface
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4956 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button TS4956 Datasheet HTML 24Page - STMicroelectronics TS4956 Datasheet HTML 25Page - STMicroelectronics TS4956 Datasheet HTML 26Page - STMicroelectronics TS4956 Datasheet HTML 27Page - STMicroelectronics TS4956 Datasheet HTML 28Page - STMicroelectronics TS4956 Datasheet HTML 29Page - STMicroelectronics TS4956 Datasheet HTML 30Page - STMicroelectronics TS4956 Datasheet HTML 31Page - STMicroelectronics TS4956 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 51 page
background image
TS4956
Electrical characteristics
28/51
Figure 84.
SNR vs. power supply voltage
Figure 85.
SNR vs. power supply voltage
Figure 86.
SNR vs. power supply voltage
Figure 87.
SNR vs. power supply voltage
Figure 88.
SNR vs. power supply voltage
Figure 89.
SNR vs. power supply voltage
2.7
3.3
5
60
62
64
66
68
70
72
74
76
78
80
82
84
86
88
90
92
94
96
98
100
Weighted filter type A
Unweighted filter (20Hz to 20kHz)
Mode 2, SPK out
G = +1.5dB, RL = 16
THD+N < 0.5%
Tamb = 25
°C
Vcc (V)
2.7
3.3
5
60
62
64
66
68
70
72
74
76
78
80
82
84
86
88
90
92
94
96
98
100
Weighted filter type A
Unweighted filter (20Hz to 20kHz)
Mode 3 - LHP, RHP
G = +1.5dB, RL = 16
THD+N < 0.5%
Tamb = 25
°C
Vcc (V)
2.7
3.3
5
60
62
64
66
68
70
72
74
76
78
80
82
84
86
88
90
92
94
96
98
100
Weighted filter type A
Unweighted filter (20Hz to 20kHz)
Mode 3 - LHP, RHP
G = +1.5dB, RL = 32
THD+N < 0.5%
Tamb = 25
°C
Vcc (V)
2.7
3.3
5
60
62
64
66
68
70
72
74
76
78
80
82
84
86
88
90
92
94
96
98
100
Weighted filter type A
Unweighted filter (20Hz to 20kHz)
Mode 2, SPK out
G = +10.5dB, RL = 16
THD+N < 0.5%
Tamb = 25
°C
Vcc (V)
2.7
3.3
5
50
52
54
56
58
60
62
64
66
68
70
72
74
76
78
80
82
84
86
88
90
Weighted filter type A
Unweighted filter (20Hz to 20kHz)
Mode 3 - LHP, RHP
G = +10.5dB, RL = 16
THD+N < 0.5%
Tamb = 25
°C
Vcc (V)
2.7
3.3
5
50
52
54
56
58
60
62
64
66
68
70
72
74
76
78
80
82
84
86
88
90
Weighted filter type A
Unweighted filter (20Hz to 20kHz)
Mode 3 - LHP, RHP
G = +10.5dB, RL = 32
THD+N < 0.5%
Tamb = 25
°C
Vcc (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com