Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4956 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TS4956
Description  Stereo audio amplifier system with I2C bus interface
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4956 Datasheet(HTML) 2 Page - STMicroelectronics

  TS4956 Datasheet HTML 1Page - STMicroelectronics TS4956 Datasheet HTML 2Page - STMicroelectronics TS4956 Datasheet HTML 3Page - STMicroelectronics TS4956 Datasheet HTML 4Page - STMicroelectronics TS4956 Datasheet HTML 5Page - STMicroelectronics TS4956 Datasheet HTML 6Page - STMicroelectronics TS4956 Datasheet HTML 7Page - STMicroelectronics TS4956 Datasheet HTML 8Page - STMicroelectronics TS4956 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 51 page
background image
Absolute maximum ratings & operating conditions
TS4956
2/51
1
Absolute maximum ratings & operating conditions
Table 1.
Absolute maximum ratings (AMR)
Symbol
Parameter
Value
Unit
VCC
Supply voltage (1)
1.
All voltage values are measured with respect to the ground pin.
6V
Vi
Input voltage (2)
2.
The magnitude of input signal must never exceed VCC + 0.3V / GND - 0.3V
GND to VCC
V
Toper
Operating free air temperature range
-40 to + 85
°C
Tstg
Storage temperature
-65 to +150
°C
Tj
Maximum junction temperature
150
°C
Rthja
Thermal resistance junction to ambient (3)
3.
Device is protected in case of over temperature by a thermal shutdown activated at 150°C.
200
°C/W
Pdiss
Power dissipation
Internally limited(4)
4.
Exceeding the power derating curves during a long period may involve abnormal operating conditions.
ESD
Susceptibility - human body model(5)
5.
Human body model, 100 pF discharged through a 1.5 k
Ω resistor, into pin to VCC device
2kV
Susceptibility - machine model
150
V
Latch-up
Latch-up immunity
200
mA
Lead temperature (soldering, 10sec)
260
°C
Table 2.
Operating conditions
Symbol
Parameter
Value
Unit
VCC
(1)
1.
For proper functionality of I2C bus, VCC pins must not be grounded. ESD protection diodes ground data
and clock wires and cause dysfunction of I2C bus in this condition.
Supply voltage
2.7 to 5.5V
V
RL
Load resistor
Speaker/BTL output (modes 1,2,7)
Headphone, MLO output (modes 3,4,5,6,)
8
16
CL
Load capacitor
RL = 8Ω to 100Ω (Speaker/BTL output - modes 1,2,7)
RL = 16Ω to 100Ω (Headphone, MLO output - modes
3,4,5,6)
RL > 100Ω
500
400
100
pF
Rthja
Flip-chip thermal resistance junction to ambient
90(2)
2.
With heat sink surface 120mm2
°C/W
Table 3.
I²C electrical characteristics
Symbol
Parameter
Value
Unit
I2CVCC
I2C supply voltage(1)
1.
Must be less or equal than power supply voltage VCC of the device
2.7V to 5.5V
V
VILl
Maximum low level input voltage on pins SDA, SCL
0.3 I2CVCC
V
VIH
Minimum high level input voltage
0.7 I2CVCC
V
IIN
Maximum input current (pins SDA, SCL), 0.4V < Vin < 4.5V
10
µA
FSCL
SCL maximum clock frequency
400
kHz
Vol
Max low level output voltage, SDA pin, Isink = 3mA
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com