Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4956 Datasheet(PDF) 33 Page - STMicroelectronics

Part # TS4956
Description  Stereo audio amplifier system with I2C bus interface
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4956 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button TS4956 Datasheet HTML 29Page - STMicroelectronics TS4956 Datasheet HTML 30Page - STMicroelectronics TS4956 Datasheet HTML 31Page - STMicroelectronics TS4956 Datasheet HTML 32Page - STMicroelectronics TS4956 Datasheet HTML 33Page - STMicroelectronics TS4956 Datasheet HTML 34Page - STMicroelectronics TS4956 Datasheet HTML 35Page - STMicroelectronics TS4956 Datasheet HTML 36Page - STMicroelectronics TS4956 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 51 page
background image
TS4956
Electrical characteristics
33/51
Figure 114. Power dissipation vs. output
power (per channel)
Figure 115. Power dissipation vs. output
power (per channel)
Figure 116. Power dissipation vs. output
power
Figure 117. Power dissipation vs. output
power (per channel)
Figure 118. Power dissipation vs. output
power (per channel)
Figure 119. Power dissipation vs. output
power
0
1020
304050
0
10
20
30
40
50
60
70
80
90
RL=32
RL=16
Mode 3, 4 - LHP, RHP
Vcc = 2.7V
F = 1kHz
THD+N < 10%
Output Power (mW)
THD+N=1%
0
1020
3040
5060
70
0
20
40
60
80
100
120
140
160
180
200
220
RL=32
RL=16
Mode 3, 4 - LHP, RHP
Vcc = 5V
F = 1kHz
THD+N < 10%
Output Power (mW)
THD+N=1%
0
1020
3040
5060
70
0
2
4
6
8
10
12
14
16
18
20
22
24
RL=32
RL=16
Mode 5, 6 - MLO
Vcc = 2.7V
F = 1kHz
THD+N < 10%
Output Power (mW)
THD+N=1%
0
1020
30405060
0
10
20
30
40
50
60
70
80
90
100
110
120
130
RL=32
RL=16
Mode 3, 4 - LHP, RHP
Vcc = 3.3V
F = 1kHz
THD+N < 10%
Output Power (mW)
THD+N=1%
0
1020
3040
5060
70
0
20
40
60
80
100
120
140
160
180
200
220
240
260
RL=32
RL=16
Mode 3, 4 - LHP, RHP
Vcc = 5.5V
F = 1kHz
THD+N < 10%
Output Power (mW)
THD+N=1%
0
10203040
5060
70
8090
100
0
5
10
15
20
25
30
35
40
RL=32
RL=16
Mode 5, 6 - MLO
Vcc = 3.3V
F = 1kHz
THD+N < 10%
Output Power (mW)
THD+N=1%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com