Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4956 Datasheet(PDF) 35 Page - STMicroelectronics

Part # TS4956
Description  Stereo audio amplifier system with I2C bus interface
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4956 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button TS4956 Datasheet HTML 31Page - STMicroelectronics TS4956 Datasheet HTML 32Page - STMicroelectronics TS4956 Datasheet HTML 33Page - STMicroelectronics TS4956 Datasheet HTML 34Page - STMicroelectronics TS4956 Datasheet HTML 35Page - STMicroelectronics TS4956 Datasheet HTML 36Page - STMicroelectronics TS4956 Datasheet HTML 37Page - STMicroelectronics TS4956 Datasheet HTML 38Page - STMicroelectronics TS4956 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 51 page
background image
TS4956
Application information
35/51
4
Application information
The TS4956 integrates 4 monolithic power amplifiers and has one differential input and two
single-ended inputs. The output amplifiers can be configured in 7 different modes as one SE
(single-ended) capacitively-coupled output, two phantom ground headphone outputs and
two BTL outputs.
Figure 1 on page 3 and Figure 2 on page 4 shows schemes of these
configurations and
Table 7 on page 6 describes these configurations in different modes.
This chapter gives information on how to configure the TS4956 in application.
4.1
Output configurations
4.1.1
Shutdown
When the device is in shutdown mode, all of the device’s outputs are in a high impedance
state.
4.1.2
Single-ended output configuration (modes 5 and 6)
When the device is woken-up via the I²C interface, output amplifier on output MLO is biased
to the VCC/2 voltage. In this configuration an output capacitor, Cout, on the single-ended
output is needed to block the VCC/2 voltage and couples the audio signal to the load.
VCC/2 voltage is present on this output in all modes (modes 1 to 7) to keep the output
capacitor Cout charged and to improve pop performance on this output during the switching
between any given mode to Mode 5 or 6.
When the device is in Mode 5 or 6 where the single-ended output MLO is active, all other
outputs are in a high impedance state.
4.1.3
Phantom ground output configuration (modes 3 and 4)
In a phantom ground output configuration (modes 3 and 4) the internal buffer is connected
to PHG pin and biased to the VCC/2 voltage. Output amplifiers (pins LHP and RHP) are also
biased to the VCC/2 voltage. One end of the load is connected to output amplifier and one to
the PHG buffer. Therefore, no output capacitors are needed. The advantage of the PHG
output configuration is fewer external components compared with a SE configuration.
However, note that in this configuration, the device has higher power dissipation (see
Section 4.3: Power dissipation and efficiency on page 37).
All other inactive outputs are in the high impedance state except for the MLO output, which
is biased to VCC/2 voltage.
To achieve better crosstalk results in this case, each speaker should be connected with
separate PHG wire (2 speakers connected with 4 wires) as shown in
Figure 1 on page 3
(instead of using only one common PHG wire for both speakers, i.e. 2 speakers connected
with 3 wires).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com