Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4956 Datasheet(PDF) 34 Page - STMicroelectronics

Part # TS4956
Description  Stereo audio amplifier system with I2C bus interface
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4956 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button TS4956 Datasheet HTML 30Page - STMicroelectronics TS4956 Datasheet HTML 31Page - STMicroelectronics TS4956 Datasheet HTML 32Page - STMicroelectronics TS4956 Datasheet HTML 33Page - STMicroelectronics TS4956 Datasheet HTML 34Page - STMicroelectronics TS4956 Datasheet HTML 35Page - STMicroelectronics TS4956 Datasheet HTML 36Page - STMicroelectronics TS4956 Datasheet HTML 37Page - STMicroelectronics TS4956 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 51 page
background image
TS4956
Electrical characteristics
34/51
Figure 120. Power dissipation vs. output
power
Figure 121. Power derating curves
Figure 122. Crosstalk vs. frequency
Figure 123. Power dissipation vs. output
power
Figure 124. Crosstalk vs. frequency
0
20 40 60 80 100 120 140 160 180 200 220 240
0
10
20
30
40
50
60
70
80
90
RL=32
Ω
RL=16
Ω
Mode 5, 6 - MLO
Vcc = 5V
F = 1kHz
THD+N < 10%
Output Power (mW)
THD+N=1%
0
25
50
75
100
125
150
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
Heat sink surface = 125mm
2
Ambiant Temperature (
°C)
No Heat sink
100
1000
10000
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
Vcc=2.7V
Po=200mW
Vcc=3.3V
Po=300mW
Mode 4
RL = 8
Ω
BTL out -> SPK out
SPK out -> BTL out
Tamb = 25
°C
Frequency (Hz)
Vcc=5V
Po=700mW
0
50
100
150
200
250
300
0
10
20
30
40
50
60
70
80
90
100
RL=32
Ω
RL=16
Ω
Mode 5, 6 - MLO
Vcc = 5.5V
F = 1kHz
THD+N < 10%
Output Power (mW)
THD+N=1%
100
1000
10000
-80
-70
-60
-50
-40
-30
-20
-10
0
RL=16
Ω
Po=15mW
RL=32
Ω
Po=10mW
Vcc = 5V, 3.3V, 2.7V
Mode 4
LHP -> RHP
RHP -> LHP
Tamb = 25
°C
Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com