Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4956 Datasheet(PDF) 18 Page - STMicroelectronics

Part # TS4956
Description  Stereo audio amplifier system with I2C bus interface
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4956 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button TS4956 Datasheet HTML 14Page - STMicroelectronics TS4956 Datasheet HTML 15Page - STMicroelectronics TS4956 Datasheet HTML 16Page - STMicroelectronics TS4956 Datasheet HTML 17Page - STMicroelectronics TS4956 Datasheet HTML 18Page - STMicroelectronics TS4956 Datasheet HTML 19Page - STMicroelectronics TS4956 Datasheet HTML 20Page - STMicroelectronics TS4956 Datasheet HTML 21Page - STMicroelectronics TS4956 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 51 page
background image
Electrical characteristics
TS4956
18/51
Figure 22.
THD+N vs. frequency
Figure 23.
THD+N vs. frequency
Figure 24.
THD+N vs. frequency
Figure 25.
THD+N vs. frequency
Figure 26.
THD+N vs. frequency
Figure 27.
THD+N vs. frequency
100
1000
10000
0.01
0.1
1
10
Vcc=3.3V
Po=300mW
Vcc=2.7V
Po=200mW
Mode 1, 2 - SPK out
RL = 8
Ω
G = +1.5dB
BW < 125kHz
Tamb = 25
°C
Frequency (Hz)
Vcc=5V
Po=700mW
20
100
1000
10000
0.01
0.1
1
10
Vcc=3.3V
Po=300mW
Vcc=2.7V
Po=200mW
Mode 1, 2 - SPK out
RL = 8
Ω
G = +10.5dB
BW < 125kHz
Tamb = 25
°C
Frequency (Hz)
Vcc=5V
Po=700mW
20
100
1000
10000
0.01
0.1
1
10
Vcc=3.3V
Po=200mW
Vcc=2.7V
Po=120mW
Mode 1, 2 - SPK out
RL = 16
Ω
G = +1.5dB
BW < 125kHz
Tamb = 25
°C
Frequency (Hz)
Vcc=5V
Po=400mW
20
100
1000
10000
0.01
0.1
1
10
Vcc=3.3V
Po=200mW
Vcc=2.7V
Po=120mW
Mode 1, 2 - SPK out
RL = 16
Ω
G = +10.5dB
BW < 125kHz
Tamb = 25
°C
Frequency (Hz)
Vcc=5V
Po=400mW
20
100
1000
10000
0.01
0.1
1
10
Vcc=3.3V
Po=15mW
Vcc=2.7V
Po=15mW
Mode 3 - LHP, RHP
RL = 16
Ω
G = +1.5dB
BW < 125kHz
Tamb = 25
°C
Frequency (Hz)
Vcc=5V
Po=15mW
20
100
1000
10000
0.01
0.1
1
10
Vcc=3.3V
Po=15mW
Vcc=2.7V
Po=15mW
Mode 3 - LHP, RHP
RL = 16
Ω
G = +10.5dB
BW < 125kHz
Tamb = 25
°C
Frequency (Hz)
Vcc=5V
Po=15mW
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com