Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4956 Datasheet(PDF) 40 Page - STMicroelectronics

Part # TS4956
Description  Stereo audio amplifier system with I2C bus interface
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4956 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button TS4956 Datasheet HTML 36Page - STMicroelectronics TS4956 Datasheet HTML 37Page - STMicroelectronics TS4956 Datasheet HTML 38Page - STMicroelectronics TS4956 Datasheet HTML 39Page - STMicroelectronics TS4956 Datasheet HTML 40Page - STMicroelectronics TS4956 Datasheet HTML 41Page - STMicroelectronics TS4956 Datasheet HTML 42Page - STMicroelectronics TS4956 Datasheet HTML 43Page - STMicroelectronics TS4956 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 51 page
background image
TS4956
Application information
40/51
and the maximum value is obtained when:
and its value is:
Note:
This maximum value depends only on power supply voltage and load values.
The efficiency is the ratio between the output power and the power supply:
The maximum theoretical value is reached when VPEAK = VCC, so
The TS4956 has one active output BTL power amplifier when in modes 1 and 2. In mode 7,
the TS49656 has two active output BTL power amplifiers.
Each amplifier produces heat due to its power dissipation. Therefore the maximum die
temperature is the sum of each amplifier’s maximum power dissipation. It is calculated as
follows:
Pdiss 1 = power dissipation due to the first BTL power amplifier.
Pdiss 2 = power dissipation due to the second BTL power amplifier.
Total Pdiss =Pdiss 1 +Pdiss 2 (W)
In most cases,
Pdiss 1 = Pdiss 2, giving:
P
out
∂P
diss
0
=
P
diss
MA X
2V
CC
2
π
2
R
L
---------------W
()
=
η
P
out
P
sup ply
-------------------
πV
PEAK
4V
CC
---------------------
==
η
π
4
---
78.5%
==
TotalP
diss
2P
diss1
=
To talP
diss
42VCC
π R
L
---------------------- P
out
2P
ou t
(W)
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com