Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4956 Datasheet(PDF) 36 Page - STMicroelectronics

Part # TS4956
Description  Stereo audio amplifier system with I2C bus interface
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4956 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button TS4956 Datasheet HTML 32Page - STMicroelectronics TS4956 Datasheet HTML 33Page - STMicroelectronics TS4956 Datasheet HTML 34Page - STMicroelectronics TS4956 Datasheet HTML 35Page - STMicroelectronics TS4956 Datasheet HTML 36Page - STMicroelectronics TS4956 Datasheet HTML 37Page - STMicroelectronics TS4956 Datasheet HTML 38Page - STMicroelectronics TS4956 Datasheet HTML 39Page - STMicroelectronics TS4956 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 51 page
background image
TS4956
Application information
36/51
4.1.4
BTL output configuration (modes 1, 2, 7)
In a BTL (Bridge Tied Load) output configuration (modes 1, 2 and 4), active outputs are
biased to the VCC/2 voltage. All other inactive outputs are in the high impedance state
except for the MLO output, which is biased to VCC/2 voltage.
BTL means that each end of the load is connected to two single-ended output amplifiers.
Therefore we have:
single-ended output 1 = Vout1 = Vout (V)
single-ended output 2 = Vout2 = -Vout (V)
and
Vout1 - Vout2 = 2Vout (V)
For the same power supply voltage, the output voltage amplitude is 2 times higher than the
output voltage in the single-ended or phantom ground configurations and the output power
is 4 times higher than the output power in the single-ended or phantom ground
configurations.
4.2
Power limitation in the phantom ground configuration
A power limitation is imposed on the headphones in mode 3 and 4. Limitation of output
power is achieved by limiting the output voltage and output current on each amplifier.
The maximum value of the output voltage, Vout max, is set to a value of 1.65V in order to
reach a maximum output power of the sinusoidal signal of around 40mW per channel with a
32
Ω load resistance and THD+N<1%.
The maximum value of output current Iout max is set to value 70mA in order to reach a
maximum output power of the sinusoidal signal of around 40mW per channel with a 16
Ω
load resistance and THD+N<1%.
The maximum output power with these voltage and current limitations is reached with load
values more than 16
Ω and less than 32Ω as explained by Figure 125.
Figure 48 shows the functionality of the power limitation with different load resistances.
Figure 125. Voltage and current limitation on headphones
Vout
Iout
Vpeak
MAX=1.65V
Ipeak
MAX=70mA
RL=16 Ohms
RL=32 Ohms
RL=24 Ohms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com